Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE1394 Arkusz danych (PDF) - NTE Electronics

NTE1394 Datasheet PDF - NTE Electronics
Numer części NTE1394
Pobierz  NTE1394 Pobierz

Rozmiar pliku   24.36 Kbytes
Page   2 Pages
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics
Szczegółowy opis 5.5W Dual Power Amplifier Car Radio, Car Stereo Output Audio Power Amplifier

NTE1394 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
NTE1394 Datasheet PDF - NTE Electronics

Numer części NTE1394
Pobierz  NTE1394 Click to download

Rozmiar pliku   24.36 Kbytes
Page   2 Pages
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics
Szczegółowy opis 5.5W Dual Power Amplifier Car Radio, Car Stereo Output Audio Power Amplifier

NTE1394 Arkusz danych (HTML) - NTE Electronics

NTE1394 Datasheet HTML 1Page - NTE Electronics NTE1394 Datasheet HTML 2Page - NTE Electronics

NTE1394 Szczegóły Produktu

Features:

• Dual Mode or Bridge Connection Mode Type.

• Some Protection Circuits Included

• Thermal Protection, Over Voltage Protection, Current Limitter, BTL DC Short Protection.

• Wide Operating Voltage Range: VCC(opr) = 8V to 18V

• A chassis mounting is easily designed using SIP (Single in Line Package) 12 Pins

• This Power IC Obtains High Output Power by Bridge Connection: POUT = 17W (Typ) at VCC = 13.2V, RL = 4Ω, THD = 10%

• Dual Mode: Minimum Load Impedance is 2 ohm BTL Mode: Minimum Load Impedance is 4 ohm



 




Podobny numer części - NTE1394

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1391 NTE-NTE1391 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1392 NTE-NTE1392 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amp, 7W
NTE1393 NTE-NTE1393 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amp, 7W
NTE1395 NTE-NTE1395 Datasheet
23Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
More results


Podobny opis - NTE1394

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
   5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
logo
NTE Electronics
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
logo
NTE Electronics
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
logo
Hangzhou Youwang Electr...
UTC2003 YOUWANG-UTC2003 Datasheet
142Kb / 8P
   CAR RADIO AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
   12W AF Power Amplifier For Car Radio or Car Stereo
logo
KEC(Korea Electronics)
KIA7217AP KEC-KIA7217AP Datasheet
97Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (5.8W AUDIO POWER AMPLIFIER CAR STEREO, CAR RADIO OUTPUT)
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com