Producent | Numer części | Arkusz danych | Szczegółowy opis |
Kemet Corporation |
T498A105K035ATE10K
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 1 uF, 10%, 35 V, 3216, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 10 Ohms, Height Max = 1.8mm
|
T498A105K016ATE6K5
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 1 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 6.5 Ohms, Height Max = 1.8mm
|
T498A685K016ATE2K6
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 6.8 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 2.6 Ohms, Height Max = 1.8mm
|
T498B105K035ATE4K4
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 1 uF, 10%, 35 V, 3528, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 4.4 Ohms, Height Max = 2.1mm
|
T499A105K035ATE10K
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 1 uF, 10%, 35 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 10 Ohms, Height Max = 1.8mm
|
T498B475M010ATE2K7
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 4.7 uF, 20%, 10 V, 3528, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 2.7 Ohms, Height Max = 2.1mm
|
T498C226K016ATE1K0
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 22 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 1 Ohms, Height Max = 2.8mm
|
T499A224K035ATE18K
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 0.22 uF, 10%, 35 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 18 Ohms, Height Max = 1.8mm
|
T498B106K016ATE2K8
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 10 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 2.8 Ohms, Height Max = 2.1mm
|
T499A105K016ATE10K
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 1 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 10 Ohms, 1.8mm
|
|