Producent | Numer części | Arkusz danych | Szczegółowy opis |
Kemet Corporation |
T499B156K006ATE3K5
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 15 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 3.5 Ohms, Height Max = 2.1mm
|
T499B685K006ATE3K5
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 6.8 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 3.5 Ohms, Height Max = 2.1mm
|
T499B475K010ATE3K5
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 4.7 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 3.5 Ohms, Height Max = 2.1mm
|
T499B335K020ATE3K5
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 3.3 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 3.5 Ohms, Height Max = 2.1mm
|
T499B225K020ATE3K5
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 2.2 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 3.5 Ohms, Height Max = 2.1mm
|
T499B336K006ATE3K0
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 33 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 3 Ohms, Height Max = 2.1mm
|
T499B335K016ATE3K5
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 3.3 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 3.5 Ohms, Height Max = 2.1mm
|
T499B475K016ATE6K0
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 4.7 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 6 Ohms, Height Max = 2.1mm
|
T499B225K025ATE4K5
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 2.2 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 4.5 Ohms, Height Max = 2.1mm
|
T499B684K035ATE6K5
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 0.68 uF, 10%, 35 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 6 Ohms, Height Max = 2.1mm
|
|