Producent | Numer części | Arkusz danych | Szczegółowy opis |
AIMTEC |
AMER60-Z
|
456Kb / 6P |
up to 1600mA | AC-DC LED driver
|
AMER60N-42130Z
|
819Kb / 7P |
up to 1600mA | AC-DC LED driver
|
AMER60N-Z
|
841Kb / 6P |
up to 1600mA | AC-DC LED driver
|
AMEPR25D-24100AZ
|
212Kb / 4P |
up to 1A | AC-DC LED Driver
|
AMEPR30D-5070AZ-U
|
505Kb / 5P |
up to 2A | AC-DC LED driver
|
AMEPR50N-42100Z
|
549Kb / 6P |
up to 1150mA | AC-DC LED driver
|
AMER160-48320Z
|
436Kb / 6P |
up to 3400mA | AC-DC LED driver
|
AMEQR50N-50100Z
|
418Kb / 4P |
up to 1000mA | AC-DC LED driver
|
AMER120C-Z
|
909Kb / 6P |
up to 1700mA | AC-DC LED driver
|
AMER90-Z
|
436Kb / 5P |
up to 2000mA | AC-DC LED driver
|