Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MHO 43FAD-R

  • AI
    The **MHO 43FAD-R** is an electronic component primarily classified as a **Crystal Oscillator**. Specifically, it is a part of the MHO series, which typically features a Full-Size (14-pin) or Half-Size (8-pin) DIP package, though "43FAD" often denotes specific technical parameters regarding voltage and frequency stability. --- ### 1. Key Technical Specifications The part number can be broken down into specific characteristics (though exact parameters can vary slightly by manufacturer, such as MtronPTI): | Parameter | Specification (Typical) | | :--- | :--- | | **Package Type** | DIP-14 (Full Size) or DIP-8 (Half Size) | | **Input Voltage ($V_{cc}$)** | 3.3V or 5.0V (Standard) | | **Output Type** | CMOS / TTL Compatible | | **Frequency Range** | Typically 1.0 MHz to 100+ MHz (specific to the "R" suffix) | | **Operating Temperature** | -10°C to +70°C (Standard Industrial) | | **RoHS Compliance** | "R" suffix usually denotes RoHS Compliant | --- ### 2. Internal Electronic Structure The device is an "active" component, meaning it requires external power to function. Its internal circuitry consists of: * **Quartz Crystal Blank:** The mechanical vibrating element that determines the base frequency. * **Oscillator Circuit:** A transistor-based circuit (often a Pierce oscillator configuration) that maintains the vibration of the crystal. * **Buffer/Output Stage:** Logic gates that square the sine wave from the crystal into a digital pulse (CMOS/TTL) suitable for microprocessors. * **Bypass Capacitor:** Often integrated internally to reduce power supply noise. --- ### 3. Pinout Configuration (Standard DIP-14) For the MHO series in a 14-pin metal package, the pinout usually follows this industry standard: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC or Tri-state | No connection or Output Enable/Disable | | **7** | GND | Circuit Ground | | **8** | Output | The generated clock signal | | **14** | $V_{cc}$ | Positive Power Supply | --- ### 4. Common Applications This part is used to provide a steady "heartbeat" or clock signal for digital systems: * **Microcontrollers:** Providing the timing for instruction execution. * **Networking:** Synchronizing data transmission in Ethernet or Serial interfaces. * **Legacy Hardware:** Industrial control boards and older computing systems that use through-hole components. --- ### 5. Symbolism in Circuit Diagrams In a schematic, the MHO 43FAD-R is represented as a rectangular block with four active connections: ```text +-----------+ (1) | NC/E | (14) ----| |---- Vcc | | (7) | | (8) ----| GND OUT |---- Clock Signal +-----------+ ```
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of your MHO 43FAD-R unit?
    • ⤷ Do you need a modern surface-mount (SMD) equivalent for this part?
    • ⤷ How do I test if this crystal oscillator is still functioning correctly?