Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE2CP1048 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE2CP1048 Datasheet

  • # Example questions: ➢ What is the minimum operating temperature for this hybrid coupler?
    ➢ How is this coupler attached to a pcb according to the datasheet?
    ➢ What are the dimensions of the pe2cp1048 in millimeters?

  • Part No.PE2CP1048
    ManufacturerPASTERNACK
    Size512 Kbytes
    Pages6 pages
    Description90 Degree Drop-In Hybrid Coupler From 960 MHz to 1.22 GHz Rated to 125 Watts
    Datasheet Summary with AI

    # PE2CP1048 - 90 Degree Drop-In Hybrid Coupler

    ## Features

    ️· Frequency Range: 960 MHz to 1220 MHz
    ️· Power Handling: 125 watts
    ️· Isolation: 20 dB
    ️· VSWR: 1.2:1
    ️· Impedance: 50 Ohms
    ️· Phase Difference: 90 degrees
    ️· Insertion Loss: 0.25 dB
    ️· Gold Plated Leads

    ## Description

    ️· 90-degree hybrid coupler
    ️· Small drop-in package
    ️· Suitable for splitting signals or combining signals with high isolation
    ️· Click [here](http://www.pasternack.com/drop-in-coupler-960-mhz-1.22-ghz-125-watts-pe2cp1048-p.aspx) for more information.

    ## Electrical Specifications

    ️· Frequency Range: 0.96 - 1.22 GHz
    ️· Phase Difference: 90 degrees
    ️· Insertion Loss: 0.25 dB
    ️· Isolation: 20 dB
    ️· VSWR: 1.2:1
    ️· Amplitude Balance: ±0.4 dB
    ️· Phase Balance: ±5 degrees
    ️· Input Power (CW): 125 Watts

    ## Mechanical Specifications

    ️· Size:
    - Length: 1.35 in (34.29 mm)
    - Width: 0.13 in (3.3 mm)
    - Height: 0.5 in (12.7 mm)
    ️· Weight: 0.01 lbs (4.54 g)
    ️· Finish: MIL-DTL-5541, Type 2, Rev. F, Class 3

    ## Environmental Specifications

    ️· Operating Temperature Range: -55 to +85 deg C

    ## Compliance

    ️· RoHS Compliant
    ️· REACH Compliant (12/17/2015)

    # PE2CP1048 - 90 Degree Drop-In Hybrid Coupler

    ## Features

    ️· Frequency Range: 960 MHz to 1220 MHz
    ️· Power Handling: 125 watts
    ️· Isolation: 20 dB
    ️· VSWR: 1.2:1
    ️· Impedance: 50 Ohms
    ️· Phase Difference: 90 degrees
    ️· Insertion Loss: 0.25 dB
    ️· Gold Plated Leads

    ## Description

    ️· 90-degree hybrid coupler
    ️· Small drop-in package
    ️· Suitable for splitting signals or combining signals with high isolation
    ️· Click [here](http://www.pasternack.com/drop-in-coupler-960-mhz-1.22-ghz-125-watts-pe2cp1048-p.aspx) for more information.

    ## Electrical Specifications

    ️· Frequency Range: 0.96 - 1.22 GHz
    ️· Phase Difference: 90 degrees
    ️· Insertion Loss: 0.25 dB
    ️· Isolation: 20 dB
    ️· VSWR: 1.2:1
    ️· Amplitude Balance: ±0.4 dB
    ️· Phase Balance: ±5 degrees
    ️· Input Power (CW): 125 Watts

    ## Mechanical Specifications

    ️· Size:
    - Length: 1.35 in (34.29 mm)
    - Width: 0.13 in (3.3 mm)
    - Height: 0.5 in (12.7 mm)
    ️· Weight: 0.01 lbs (4.54 g)
    ️· Finish: MIL-DTL-5541, Type 2, Rev. F, Class 3

    ## Environmental Specifications

    ️· Operating Temperature Range: -55 to +85 deg C

    ## Compliance

    ️· RoHS Compliant
    ️· REACH Compliant (12/17/2015)

    Part No.PE2CP1048
    ManufacturerPASTERNACK
    Size512 Kbytes
    Pages6 pages
    Description90 Degree Drop-In Hybrid Coupler From 960 MHz to 1.22 GHz Rated to 125 Watts