Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPU-120S Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MPU-120S Datasheet

  • # Example questions: ➢ What is the purpose of the 'e' models and what is the difference between the standard model and the ‘e’ model?
    ➢ What is the recommended external fuse rating for these power supplies, and why is an external fuse recommended in addition to the internal one?
    ➢ For a high-volume industrial application where frequent installation/removal is likely, which connector type would be most suitable and why?

  • Part No.MPU-120S
    ManufacturerMPD
    Size2Mb
    Pages6 pages
    DescriptionSingle Output, 180W Compact, U-Channel AC/DC Power Supplies
    Datasheet Summary with AI

    1. General Information & Product Series:

    ️· Product: MPU-120S Power Supply
    ️· Manufacturer: MicroPower Direct (MPD)
    ️· Website: www.micropowerdirect.com
    ️· Contact Information: Tel: (781) 344-8226, Fax: (781) 344-8481, Email: sales@micropowerdirect.com
    ️· Tagline: "We Power Your Success - For Less!"

    2. Key Features and Specifications:

    ️· Series: MPU-120S
    ️· Input Voltage: Not explicitly stated, but implied to be AC line.
    ️· Output Voltages: Several output voltages are available. Specifically, 5V is highlighted for mechanical dimensions, and other models exist with different outputs.
    ️· Efficiency: Not directly mentioned, but efficiency is implied to be a consideration.
    ️· Minimum Load: Model selection chart indicates a recommended minimum load to meet specifications.
    ️· Input Fuse: Includes an input fuse (not field replaceable). External fuse recommended: 15A/250V slow blow.
    ️· DIN Rail Mounting: Optional DIN Rail mounting kit available (MPU-120S-DRK) for "C" models.
    ️· Temperature Derating: Temperature derating curves are provided for both 5V output and all other models.
    ️· Efficiency: While not a major focus, it is implied that the power supplies are efficient.

    3. Connector Details (Several Options):

    ️· Input Connector (CN1):
    - Barrier Strip Terminal Block:
    ■ Anytek Connector: DG28S-B-03P
    ■ 3 Terminals, 7.62mm Centers
    ■ Suitable Wire: 22 - 14 AWG
    ■ Pin 1: AC-Line
    ■ Pin 2: AC-Neutral
    ■ Pin 3: Field Ground
    - Molex Connector: (Alex Connector: 8673W-050220) – 5 pins
    - Clamp Type Connector: (Anytek Connector: TI03245) – 3 terminals
    ️· Output Connector (CN2):
    - Barrier Strip Terminal Block:
    ■ Anytek Connector: DG28S-B-04P
    ■ 4 Terminals, 7.62mm Centers
    ■ Suitable Wire: 22 - 14 AWG
    ■ Pin 4: +VOUT
    ■ Pin 5: +VOUT
    ■ Pin 6: -VOUT
    ■ Pin 7: -VOUT
    - Molex Connector: (Alex Connector: 8673W-080020) - 8 pins
    - Clamp Type Connector: (Anytek Connector: TI04245) – 4 terminals

    4. Mechanical Dimensions:

    ️· Separate diagrams are provided for mechanical dimensions of 5V output models and all other models.
    ️· Dimensions are given in inches (mm).
    ️· Tolerance: x.xx = ± 0.02 (± 0.50)
    ️· Threaded holes marked "A" are available for optional DIN rail mounting.

    5. Regulatory/Safety:

    ️· Not explicitly mentioned.

    Important Notes & Recommendations from the Documents:

    ️· Minimum Load: Adhere to the recommended minimum load specified in the model selection chart to ensure proper operation.
    ️· Input Fuse: Use an external fuse on the input for added protection, as the internal fuse is not field replaceable. A 15A/250V slow blow fuse is recommended.
    ️· DIN Rail Mounting: When using the optional DIN Rail mounting kit, do not insert screws too far into the threaded inserts.



    This summary should provide a comprehensive overview of the MPU-120S power supply series based on the provided documents. Do you have any specific questions about a particular aspect of the power supply?

    1. General Information & Product Series:

    ️· Product: MPU-120S Power Supply
    ️· Manufacturer: MicroPower Direct (MPD)
    ️· Website: www.micropowerdirect.com
    ️· Contact Information: Tel: (781) 344-8226, Fax: (781) 344-8481, Email: sales@micropowerdirect.com
    ️· Tagline: "We Power Your Success - For Less!"

    2. Key Features and Specifications:

    ️· Series: MPU-120S
    ️· Input Voltage: Not explicitly stated, but implied to be AC line.
    ️· Output Voltages: Several output voltages are available. Specifically, 5V is highlighted for mechanical dimensions, and other models exist with different outputs.
    ️· Efficiency: Not directly mentioned, but efficiency is implied to be a consideration.
    ️· Minimum Load: Model selection chart indicates a recommended minimum load to meet specifications.
    ️· Input Fuse: Includes an input fuse (not field replaceable). External fuse recommended: 15A/250V slow blow.
    ️· DIN Rail Mounting: Optional DIN Rail mounting kit available (MPU-120S-DRK) for "C" models.
    ️· Temperature Derating: Temperature derating curves are provided for both 5V output and all other models.
    ️· Efficiency: While not a major focus, it is implied that the power supplies are efficient.

    3. Connector Details (Several Options):

    ️· Input Connector (CN1):
    - Barrier Strip Terminal Block:
    ■ Anytek Connector: DG28S-B-03P
    ■ 3 Terminals, 7.62mm Centers
    ■ Suitable Wire: 22 - 14 AWG
    ■ Pin 1: AC-Line
    ■ Pin 2: AC-Neutral
    ■ Pin 3: Field Ground
    - Molex Connector: (Alex Connector: 8673W-050220) – 5 pins
    - Clamp Type Connector: (Anytek Connector: TI03245) – 3 terminals
    ️· Output Connector (CN2):
    - Barrier Strip Terminal Block:
    ■ Anytek Connector: DG28S-B-04P
    ■ 4 Terminals, 7.62mm Centers
    ■ Suitable Wire: 22 - 14 AWG
    ■ Pin 4: +VOUT
    ■ Pin 5: +VOUT
    ■ Pin 6: -VOUT
    ■ Pin 7: -VOUT
    - Molex Connector: (Alex Connector: 8673W-080020) - 8 pins
    - Clamp Type Connector: (Anytek Connector: TI04245) – 4 terminals

    4. Mechanical Dimensions:

    ️· Separate diagrams are provided for mechanical dimensions of 5V output models and all other models.
    ️· Dimensions are given in inches (mm).
    ️· Tolerance: x.xx = ± 0.02 (± 0.50)
    ️· Threaded holes marked "A" are available for optional DIN rail mounting.

    5. Regulatory/Safety:

    ️· Not explicitly mentioned.

    Important Notes & Recommendations from the Documents:

    ️· Minimum Load: Adhere to the recommended minimum load specified in the model selection chart to ensure proper operation.
    ️· Input Fuse: Use an external fuse on the input for added protection, as the internal fuse is not field replaceable. A 15A/250V slow blow fuse is recommended.
    ️· DIN Rail Mounting: When using the optional DIN Rail mounting kit, do not insert screws too far into the threaded inserts.



    This summary should provide a comprehensive overview of the MPU-120S power supply series based on the provided documents. Do you have any specific questions about a particular aspect of the power supply?

    Part No.MPU-120S
    ManufacturerMPD
    Size2Mb
    Pages6 pages
    DescriptionSingle Output, 180W Compact, U-Channel AC/DC Power Supplies