| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2.5RFL Datasheet
# Example questions:
➢ What is the maximum rated current that this connector can handle?
➢ What is the acceptable temperature range for operating this connector?
➢ What materials are used for the insulating body and contact spring of this connector?
# 51 2,5 RFL
## Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
## Socket board for direct mating, with mounted pair of flanges FL, with solder pins - Phasing Out
General Information
️· Type: Direct connectors for insert cards, socket board for direct mating.
️· Pitch: 2.5/2.54/5.0/ 5.08 mm
️· Status: Phasing out
Mechanical Data
️· Mating: Leiterplatte 1,5 ± 0,14 mm
Electrical Specifications
️· Contact Resistance: ≤ 3 mΩ
️· Rated Current: 5 A
️· Rated Voltage: 250 V AC
️· Rated Impulse Voltage: ≥ 1,5 kV
️· Temperature Range: -25 °C to +100 °C
Materials
️· Insulating Body: PPO
️· Contact Spring: CuSn, pre-nickel and tin-plated
️· Flange: PC
Packaging
️· Bulk: In a cardboard box
️· Pieces per Unit (PU): 200
️· Maximum Quantity (MDQ): 5000
Available Pole Numbers & Quantities (PU/MDQ)
️· 3-60 poles available.
️· Each pole number has a PU of 200 and an MDQ of 5000.
# 51 2,5 RFL
## Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
## Socket board for direct mating, with mounted pair of flanges FL, with solder pins - Phasing Out
General Information
️· Type: Direct connectors for insert cards, socket board for direct mating.
️· Pitch: 2.5/2.54/5.0/ 5.08 mm
️· Status: Phasing out
Mechanical Data
️· Mating: Leiterplatte 1,5 ± 0,14 mm
Electrical Specifications
️· Contact Resistance: ≤ 3 mΩ
️· Rated Current: 5 A
️· Rated Voltage: 250 V AC
️· Rated Impulse Voltage: ≥ 1,5 kV
️· Temperature Range: -25 °C to +100 °C
Materials
️· Insulating Body: PPO
️· Contact Spring: CuSn, pre-nickel and tin-plated
️· Flange: PC
Packaging
️· Bulk: In a cardboard box
️· Pieces per Unit (PU): 200
️· Maximum Quantity (MDQ): 5000
Available Pole Numbers & Quantities (PU/MDQ)
️· 3-60 poles available.
️· Each pole number has a PU of 200 and an MDQ of 5000.
| Part No. | 2.5RFL |
| Manufacturer | LUMBERG |
| Size | 623 Kbytes |
| Pages | 4 pages |
| Description | Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm |