| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TCS12DTRDR1R00N Datasheet
# Example questions:
➢ What is the typical packaging quantity for tcs12 resistors using embossed plastic tape?
➢ What are the dimensions (a, b, w, e, f) of the embossed plastic tape used for tcs10 resistors?
➢ What is the acceptable range for the peel force of the top cover tape during packaging?
# TCS Chip Current Sensing Resistor
## Product Introduction
️· Features: Thin Film Process, Resistance Values from 50mΩ to 1Ω, Tight Tolerance (±1% to ±0.5%), Low TCR (±200 PPM/℃ to ±50PPM/℃), High Purity Alumina Substrate, RoHS compliant.
️· Applications: Voltage Regulation Module (VRM), Portable Devices, Disk Driver, Switching Power Supply, Over Current Protection, DC-DC Converter, Battery Pack, Automotive Engine Control.
️· Description: Thin film chip resistors for precision current sensing, offering stability and low noise.
## Construction & Dimensions
️· Types: TCS02 (0402), TCS03 (0603), TCS05 (0805), TCS06 (1206), TCS10 (2010), TCS12 (2512).
️· Dimensions vary by type (see datasheet for specific values: L, W, T, D1, D2).
## Electrical Specifications
️· Resistance Range: 50mΩ - 1000mΩ
️· Tolerance: ±0.5%, ±1.0%
️· TCR: ±50PPM/℃ to ±200PPM/℃
️· Power Rating: 1/16W to 3W (depending on type).
## Environmental Characteristics
️· Tests: Temperature Coefficient of Resistance, Short Time Overload, Dielectric Withstand Voltage, Insulation Resistance, Thermal Shock, Load Life, Humidity, Low Temperature Operation, Bending Strength, Solderability, Resistance to Soldering Heat.
️· Compliant with MIL-STD-202F and JIS standards.
## Reel Tape Specifications
️· Reel sizes and tape specifications vary depending on the type.
️· Packaging options include paper tape and embossed plastic tape.
## Ordering Codes
️· Format: TCS [Size] [Tolerance] [TCR] [Resistance] [Marking]
️· Examples: TCS10, TCS12, etc.
# TCS Chip Current Sensing Resistor
## Product Introduction
️· Features: Thin Film Process, Resistance Values from 50mΩ to 1Ω, Tight Tolerance (±1% to ±0.5%), Low TCR (±200 PPM/℃ to ±50PPM/℃), High Purity Alumina Substrate, RoHS compliant.
️· Applications: Voltage Regulation Module (VRM), Portable Devices, Disk Driver, Switching Power Supply, Over Current Protection, DC-DC Converter, Battery Pack, Automotive Engine Control.
️· Description: Thin film chip resistors for precision current sensing, offering stability and low noise.
## Construction & Dimensions
️· Types: TCS02 (0402), TCS03 (0603), TCS05 (0805), TCS06 (1206), TCS10 (2010), TCS12 (2512).
️· Dimensions vary by type (see datasheet for specific values: L, W, T, D1, D2).
## Electrical Specifications
️· Resistance Range: 50mΩ - 1000mΩ
️· Tolerance: ±0.5%, ±1.0%
️· TCR: ±50PPM/℃ to ±200PPM/℃
️· Power Rating: 1/16W to 3W (depending on type).
## Environmental Characteristics
️· Tests: Temperature Coefficient of Resistance, Short Time Overload, Dielectric Withstand Voltage, Insulation Resistance, Thermal Shock, Load Life, Humidity, Low Temperature Operation, Bending Strength, Solderability, Resistance to Soldering Heat.
️· Compliant with MIL-STD-202F and JIS standards.
## Reel Tape Specifications
️· Reel sizes and tape specifications vary depending on the type.
️· Packaging options include paper tape and embossed plastic tape.
## Ordering Codes
️· Format: TCS [Size] [Tolerance] [TCR] [Resistance] [Marking]
️· Examples: TCS10, TCS12, etc.
| Part No. | TCS12DTRDR1R00N |
| Manufacturer | TOKEN |
| Size | 856 Kbytes |
| Pages | 10 pages |
| Description | Chip Current Sensing Precision Resistor |