Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S3C72M9 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about S3C72M9 Datasheet

  • # Example questions: ➢ What are the primary functions of ports p0.0-p0.3?
    ➢ What does 'circuit type e' signify?
    ➢ How many segment output ports (seg0-seg47) does the s3c72m5/7/9 have, and what is their general function?

  • Part No.S3C72M9
    ManufacturerSAMSUNG
    Size196 Kbytes
    Pages38 pages
    Descriptionsingle-chip CMOS microcontroller
    Datasheet Summary with AI

    ## Summary of S3C72M5/C72M7/C72M9/P72M9 Microcontroller Features (from provided text)

    This document details the pinout and features of the S3C72M series microcontrollers. Here's a breakdown of key functionalities based on the provided text:

    Core Functionality:

    ️· LCD Driver: Designed to drive Segmented LCDs, with dedicated segment (SEG0-SEG79) and common (COM0-COM15) output pins. It supports multiple common lines.
    ️· Interrupts: Supports external interrupts (INT0-INT4) with rising/falling edge detection.
    ️· Timers/Counters: Includes timer/counters with clock outputs (TCLO0, TCLO1) and external clock inputs (TCL0, TCL1).
    ️· Clocking: Supports both main system clock (XIN, XOUT) and subsystem clock (XTIN, XTOUT) using crystal, ceramic resonators, or RC oscillators.

    Key Pins & Features:

    ️· P0.0-P0.3: General I/O ports, also shared with SCK, SO, SI, and BUZ (buzzer output for 2/4/8/16kHz frequencies).
    ️· P1.0-P1.3: External interrupt inputs.
    ️· P2.0-P2.3: I/O, related to LCD segment driver control signals (M, LCDFR, CLO1, CLO2).
    ️· P3.0-P3.3: I/O, timer/counter clock output/input signals.
    ️· P4.0-P4.2: I/O, comparator input or external reference input.
    ️· P6.0-P6.3, P7.0-P7.3, P8.0-P8.3, P9.0-P9.3, P10.0-P10.3, P11.0-P11.3, P12.0-P12.3, P13.0-P13.3: Segment output pins for the LCD display.
    ️· COM0-COM15: Common output pins for the LCD display.

    ️· VLC1-VLC5: LCD power supply pins.
    ️· VDD, VSS: Main power supply and ground.
    ️· RESET, TEST: Reset and test input signals.
    ️· BUZ: 2,4,8 and 16 kHz frequency output for Buzzer control.

    Pin Circuit Types: The document provides detailed diagrams of different pin circuit types (A-3, B, E, E-1, E-2, F-4, H-4, H-5, H-6, H-7, H-8) illustrating the internal connections and electrical characteristics of each pin. This information is crucial for proper hardware design and interfacing.

    Overall: The S3C72M series appears to be a microcontroller specifically designed for applications requiring a segmented LCD display, with a focus on low-power operation and dedicated hardware for driving the display.

    ## Summary of S3C72M5/C72M7/C72M9/P72M9 Microcontroller Features (from provided text)

    This document details the pinout and features of the S3C72M series microcontrollers. Here's a breakdown of key functionalities based on the provided text:

    Core Functionality:

    ️· LCD Driver: Designed to drive Segmented LCDs, with dedicated segment (SEG0-SEG79) and common (COM0-COM15) output pins. It supports multiple common lines.
    ️· Interrupts: Supports external interrupts (INT0-INT4) with rising/falling edge detection.
    ️· Timers/Counters: Includes timer/counters with clock outputs (TCLO0, TCLO1) and external clock inputs (TCL0, TCL1).
    ️· Clocking: Supports both main system clock (XIN, XOUT) and subsystem clock (XTIN, XTOUT) using crystal, ceramic resonators, or RC oscillators.

    Key Pins & Features:

    ️· P0.0-P0.3: General I/O ports, also shared with SCK, SO, SI, and BUZ (buzzer output for 2/4/8/16kHz frequencies).
    ️· P1.0-P1.3: External interrupt inputs.
    ️· P2.0-P2.3: I/O, related to LCD segment driver control signals (M, LCDFR, CLO1, CLO2).
    ️· P3.0-P3.3: I/O, timer/counter clock output/input signals.
    ️· P4.0-P4.2: I/O, comparator input or external reference input.
    ️· P6.0-P6.3, P7.0-P7.3, P8.0-P8.3, P9.0-P9.3, P10.0-P10.3, P11.0-P11.3, P12.0-P12.3, P13.0-P13.3: Segment output pins for the LCD display.
    ️· COM0-COM15: Common output pins for the LCD display.
    ️· VLC1-VLC5: LCD power supply pins.
    ️· VDD, VSS: Main power supply and ground.
    ️· RESET, TEST: Reset and test input signals.
    ️· BUZ: 2,4,8 and 16 kHz frequency output for Buzzer control.

    Pin Circuit Types: The document provides detailed diagrams of different pin circuit types (A-3, B, E, E-1, E-2, F-4, H-4, H-5, H-6, H-7, H-8) illustrating the internal connections and electrical characteristics of each pin. This information is crucial for proper hardware design and interfacing.

    Overall: The S3C72M series appears to be a microcontroller specifically designed for applications requiring a segmented LCD display, with a focus on low-power operation and dedicated hardware for driving the display.

    Part No.S3C72M9
    ManufacturerSAMSUNG
    Size196 Kbytes
    Pages38 pages
    Descriptionsingle-chip CMOS microcontroller