| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PR-1335D Datasheet
# Example questions:
➢ What is the expected lifespan of this receptacle, measured in cycles of use?
➢ What is the maximum allowable input voltage for this dc power receptacle?
➢ How does the insertion force vary when mating this receptacle with a standard plug?
# MODEL: PR-1335D DESCRIPTION: DC POWER RECEPTACLE
## FEATURES
· Designed for overmolding
· 5 A rating
· 1.3 mm center pin
## SPECIFICATIONS
· Rated Input Voltage: 24 Vdc
· Rated Input Current: 5 A
· Contact Resistance: 30 mΩ
· Insulation Resistance: 100 MΩ
· Voltage Withstand: 500 Vac
· Insertion Force: 0.3 - 2.5 kgf
· Withdrawal Force: 0.3 - 2.5 kgf
· Operating Temperature: -25 to 70 °C
· Operating Humidity: 85 %
· Life: 5,000 cycles
· RoHS Compliant
## SOLDERABILITY
· Hand Soldering Temperature: 380 - 420 °C (max 1 second)
## MECHANICAL DRAWING
· Center Pin Diameter: 1.3 mm
· Jack Insertion Depth: 10 mm
· Tolerances:
- X ≤ 1.0: ±0.1 mm
- 1.0 < X ≤ 6.0: ±0.2 mm
- 6.0 < X ≤ 12.0: ±0.3 mm
- 12.0 < X ≤ 25.0: ±0.4 mm
- X > 25.0: ±0.5 mm
· Material & Plating:
- Body: Brass, Nickel
- Insulator: PBT (UL94HB), Black
- Center Pin: Brass, Nickel
- Terminal: Brass, Nickel
## WARRANTY & CONTACT
· 1-year limited warranty
· Headquarters: 20050 SW 112th Ave., Tualatin, OR 97062
· Phone: 800.275.4899
· Website: cui.com
· Email: techsupport@cui.com
## DISCLAIMERS
· Product specifications are subject to change without notice.
· Not intended for use as critical components in life support devices.
[For more information, please visit the product page.](https://www.cui.com/track?actionLabel=Datasheet-ClickThrough-ProductPage&label=PR-1335D.pdf&path=%2fproduct%2finterconnect%2fdc-power-connectors%2freceptacles%2fpr-1335d)
# MODEL: PR-1335D DESCRIPTION: DC POWER RECEPTACLE
## FEATURES
· Designed for overmolding
· 5 A rating
· 1.3 mm center pin
## SPECIFICATIONS
· Rated Input Voltage: 24 Vdc
· Rated Input Current: 5 A
· Contact Resistance: 30 mΩ
· Insulation Resistance: 100 MΩ
· Voltage Withstand: 500 Vac
· Insertion Force: 0.3 - 2.5 kgf
· Withdrawal Force: 0.3 - 2.5 kgf
· Operating Temperature: -25 to 70 °C
· Operating Humidity: 85 %
· Life: 5,000 cycles
· RoHS Compliant
## SOLDERABILITY
· Hand Soldering Temperature: 380 - 420 °C (max 1 second)
## MECHANICAL DRAWING
· Center Pin Diameter: 1.3 mm
· Jack Insertion Depth: 10 mm
· Tolerances:
- X ≤ 1.0: ±0.1 mm
- 1.0 < X ≤ 6.0: ±0.2 mm
- 6.0 < X ≤ 12.0: ±0.3 mm
- 12.0 < X ≤ 25.0: ±0.4 mm
- X > 25.0: ±0.5 mm
· Material & Plating:
- Body: Brass, Nickel
- Insulator: PBT (UL94HB), Black
- Center Pin: Brass, Nickel
- Terminal: Brass, Nickel
## WARRANTY & CONTACT
· 1-year limited warranty
· Headquarters: 20050 SW 112th Ave., Tualatin, OR 97062
· Phone: 800.275.4899
· Website: cui.com
· Email: techsupport@cui.com
## DISCLAIMERS
· Product specifications are subject to change without notice.
· Not intended for use as critical components in life support devices.
[For more information, please visit the product page.](https://www.cui.com/track?actionLabel=Datasheet-ClickThrough-ProductPage&label=PR-1335D.pdf&path=%2fproduct%2finterconnect%2fdc-power-connectors%2freceptacles%2fpr-1335d)
| Part No. | PR-1335D |
| Manufacturer | CUI |
| Size | 327 Kbytes |
| Pages | 3 pages |
| Description | DC POWER RECEPTACLE |