Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD201F Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BD201F Datasheet

  • # Example questions: ➢ What is the maximum collector current that the bd201f can handle continuously?
    ➢ What is the typical thermal resistance from junction to case (rthj-c) for both transistor models?
    ➢ How does the collector-emitter breakdown voltage differ between the bd201f and the bd203f?

  • Part No.BD201F
    ManufacturerNJSEMI
    Size138 Kbytes
    Pages2 pages
    DescriptionSilicon NPN Power Transistor
    Datasheet Summary with AI

    # BD201F/203F Silicon NPN Power Transistor

    ## Description
    ️· Collector-Emitter Breakdown Voltage: 45V (BD201F), 60V (BD203F)
    ️· Complement to Type BD202F/204F
    ️· Designed for hi-fi equipment delivering 1.5-15W into 4Ω or 8Ω load.

    ## Absolute Maximum Ratings (Ta = 25°C)
    ️· VCBO: 60V
    ️· VCEO: 60V
    ️· VEBO: 45V (BD201F), 60V (BD203F)
    ️· IC: 5A (BD201F), 8A (BD203F)
    ️· I CM: 12A
    ️· IB: 3A
    ️· PC: 32W
    ️· Tj: 150°C
    ️· Tstg: -65°C to 150°C

    ## Thermal Characteristics
    ️· Rthj-c: 6.3 °C/W

    ## Pinout
    ️· 1: Base
    ️· 2: Collector
    ️· 3: Emitter
    ️· Package: TO-220Fa

    ## Dimensions (mm)
    ️· A: 16.85 - 17.15
    ️· B: 9.90 - 10.10
    ️· C: 4.35 - 10.10
    ️· D: 0.75 - 0.80
    ️· F: 3.20 - 3.40
    ️· G: 6.90 - 10.10
    ️· J: 0.45 - 0.75
    ️· K: 13.35 - 13.65
    ️· L: 1.10 - 1.30
    ️· N: 4.98 - 10.10
    ️· R: 2.95 - 2.90
    ️· S: 2.70 - 2.05

    ## Electrical Characteristics (Tc = 85°C unless otherwise specified)
    ️· V(BR)CEO: 45V (BD201F), 60V (BD203F)
    ️· V(BR)CBO: 60V
    ️· V(BR)EBO: 60V
    ️· Vce(sat): 5V
    ️· Vbe(sat): 7.0V
    ️· Vce(sat): 30V
    ️· ICEO: 1mA
    ️· ICBO: 0.2mA
    ️· IEBO: 1.0mA
    ️· hFE: 0.5
    ️· ft: 1MHz

    ## Switching Times
    ️· ton: 1u s
    ️· toff: 4 u s

    # BD201F/203F Silicon NPN Power Transistor

    ## Description
    ️· Collector-Emitter Breakdown Voltage: 45V (BD201F), 60V (BD203F)
    ️· Complement to Type BD202F/204F
    ️· Designed for hi-fi equipment delivering 1.5-15W into 4Ω or 8Ω load.

    ## Absolute Maximum Ratings (Ta = 25°C)
    ️· VCBO: 60V
    ️· VCEO: 60V
    ️· VEBO: 45V (BD201F), 60V (BD203F)
    ️· IC: 5A (BD201F), 8A (BD203F)
    ️· I CM: 12A
    ️· IB: 3A
    ️· PC: 32W
    ️· Tj: 150°C
    ️· Tstg: -65°C to 150°C

    ## Thermal Characteristics
    ️· Rthj-c: 6.3 °C/W

    ## Pinout
    ️· 1: Base
    ️· 2: Collector
    ️· 3: Emitter
    ️· Package: TO-220Fa

    ## Dimensions (mm)
    ️· A: 16.85 - 17.15
    ️· B: 9.90 - 10.10
    ️· C: 4.35 - 10.10
    ️· D: 0.75 - 0.80
    ️· F: 3.20 - 3.40
    ️· G: 6.90 - 10.10
    ️· J: 0.45 - 0.75
    ️· K: 13.35 - 13.65
    ️· L: 1.10 - 1.30
    ️· N: 4.98 - 10.10
    ️· R: 2.95 - 2.90
    ️· S: 2.70 - 2.05

    ## Electrical Characteristics (Tc = 85°C unless otherwise specified)
    ️· V(BR)CEO: 45V (BD201F), 60V (BD203F)
    ️· V(BR)CBO: 60V
    ️· V(BR)EBO: 60V
    ️· Vce(sat): 5V
    ️· Vbe(sat): 7.0V
    ️· Vce(sat): 30V
    ️· ICEO: 1mA
    ️· ICBO: 0.2mA
    ️· IEBO: 1.0mA
    ️· hFE: 0.5
    ️· ft: 1MHz

    ## Switching Times
    ️· ton: 1u s
    ️· toff: 4 u s

    Part No.BD201F
    ManufacturerNJSEMI
    Size138 Kbytes
    Pages2 pages
    DescriptionSilicon NPN Power Transistor