Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MFE202 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MFE202 Datasheet

  • # Example questions: ➢ What is the maximum junction temperature specified for this device?
    ➢ What is the maximum allowable drain current for this device?
    ➢ What is the typical gate 1 to source cutoff voltage when the drain-source voltage is 15 vdc and drain current is 20 µadc?

  • Part No.MFE202
    ManufacturerNJSEMI
    Size92 Kbytes
    Pages1 page
    DescriptionMFE201 thru MFE203
    Datasheet Summary with AI

    # MFE201 thru MFE203 - Semiconductor Device Summary

    ## Maximum Ratings

    ️· Drain-Source Voltage (VDSX): 20 Vdc
    ️· Drain-Gate Voltage (VDGI): 30 Vdc
    ️· Gate Current (IGI): ±10 mAdc
    ️· Drain Current – Continuous (ID): 50 mAdc
    ️· Total Power Dissipation (PD): 360 mW (at TA = 25°C, derate above)
    ️· Storage Channel Temperature Range: -65 to +175 °C
    ️· Junction Temperature Range: -65 to +175 °C
    ️· Lead Temperature: 300 °C (for 1/16" from seated surface, 10 seconds)

    ## Electrical Characteristics (TA = 25°C)

    Off Characteristics

    ️· Drain-Source Breakdown Voltage (V(BR)OSX): 20 Vdc
    ️· Gate 1 – Source Breakdown Voltage (V(BR)G1SO): ±6.0 Vdc
    ️· Gate 2 – Source Breakdown Voltage (V(BR)G2SO): ±6.0 Vdc

    ️· Gate 1 to Source Cutoff Voltage (VQ1S(off)): -0.5 Vdc
    ️· Gate 2 to Source Cutoff Voltage (VG2S(off)): -0.2 Vdc
    ️· Gate 1 Leakage Current (IG1SS): ±0.04 mAdc
    ️· Gate 2 Leakage Current (IG2SS): ±0.05 mAdc

    On Characteristics

    ️· Zero-Gate Voltage Drain Current (IDSS): 6.8, 3.0, and 13 mAdc (for MFE201, MFE202, MFE203)

    Small-Signal Characteristics

    ️· Forward Transfer Admittance: 8J), 7.0, (for MFE201, MFE202, MFE203)
    ️· Input Capacitance (Ciss): 12.8, 12.S (for MFE201, MFE202, MFE203)
    ️· Output Capacitance (Coss): 4.3, 1.7 (for MFE201, MFE202, MFE203)
    ️· Reverse Transfer Capacitance (Crss): 0.014 (for MFE201, MFE202, MFE203)

    # MFE201 thru MFE203 - Semiconductor Device Summary

    ## Maximum Ratings

    ️· Drain-Source Voltage (VDSX): 20 Vdc
    ️· Drain-Gate Voltage (VDGI): 30 Vdc
    ️· Gate Current (IGI): ±10 mAdc
    ️· Drain Current – Continuous (ID): 50 mAdc
    ️· Total Power Dissipation (PD): 360 mW (at TA = 25°C, derate above)
    ️· Storage Channel Temperature Range: -65 to +175 °C
    ️· Junction Temperature Range: -65 to +175 °C
    ️· Lead Temperature: 300 °C (for 1/16" from seated surface, 10 seconds)

    ## Electrical Characteristics (TA = 25°C)

    Off Characteristics

    ️· Drain-Source Breakdown Voltage (V(BR)OSX): 20 Vdc
    ️· Gate 1 – Source Breakdown Voltage (V(BR)G1SO): ±6.0 Vdc
    ️· Gate 2 – Source Breakdown Voltage (V(BR)G2SO): ±6.0 Vdc
    ️· Gate 1 to Source Cutoff Voltage (VQ1S(off)): -0.5 Vdc
    ️· Gate 2 to Source Cutoff Voltage (VG2S(off)): -0.2 Vdc
    ️· Gate 1 Leakage Current (IG1SS): ±0.04 mAdc
    ️· Gate 2 Leakage Current (IG2SS): ±0.05 mAdc

    On Characteristics

    ️· Zero-Gate Voltage Drain Current (IDSS): 6.8, 3.0, and 13 mAdc (for MFE201, MFE202, MFE203)

    Small-Signal Characteristics

    ️· Forward Transfer Admittance: 8J), 7.0, (for MFE201, MFE202, MFE203)
    ️· Input Capacitance (Ciss): 12.8, 12.S (for MFE201, MFE202, MFE203)
    ️· Output Capacitance (Coss): 4.3, 1.7 (for MFE201, MFE202, MFE203)
    ️· Reverse Transfer Capacitance (Crss): 0.014 (for MFE201, MFE202, MFE203)

    Part No.MFE202
    ManufacturerNJSEMI
    Size92 Kbytes
    Pages1 page
    DescriptionMFE201 thru MFE203