Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM321 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LM321_17 Datasheet

  • # Example questions: ➢ What is the maximum output current the lm321 can source when v+=15v, and what is the primary concern if this limit is exceeded?
    ➢ What is the typical input bias current of the lm321, and what does the direction of this current indicate about the input stage?
    ➢ The datasheet specifies a gain bandwidth product (gbw) of 1 mhz. how are the supply voltage (v+) and load resistance (rl) related to achieving this gbw value?

  • Part No.LM321_17
    ManufacturerUTC
    Size227 Kbytes
    Pages7 pages
    DescriptionLOW POWER SINGLE OP AMP
    Datasheet Summary with AI

    # LM321 Linear Integrated Circuit

    ## Description
    · Low-power, single operational amplifier.
    · Designed for low-power systems while maintaining performance.
    · Operates in both single and dual supply applications.
    · Can drive large capacitive loads.

    ## Features
    · Supply Current: 430µA (5V)
    · Gain-Bandwidth Product: 1 MHz
    · Input Bias Current: 45nA
    · Supply Voltage Range: +3V ~ +32V
    · Stable with high capacitive loads.

    ## Ordering Information
    · LM321L-AE5-R: Lead Free, SOT-23-5 package, Tape Reel
    · LM321G-AE5-R: Halogen Free, SOT-23-5 package, Tape Reel

    ## Pin Configuration
    · 1: +IN (Non-inverting input)
    · 2: V- (Ground)
    · 3: -IN (Inverting input)
    · 4: OUTPUT
    · 5: V+ (Power supply)

    ## Absolute Maximum Ratings
    · Supply Voltage (V+ - V-): 32V
    · Input Voltage: -0.3V ~ +32V
    · Junction Temperature: 150°C
    · Storage Temperature: -65°C ~ +150°C

    ## Operating Ratings
    · Temperature Range: -40°C ~ 85°C
    · Supply Voltage: 3V ~ 30V

    ## Electrical Characteristics (Typical, TA=25°C, V+=5V, V-=0V)
    · Input Offset Voltage: 2-7 mV
    · Input Bias Current: 45-250 nA
    · Large Signal Voltage Gain: 15-100 V/mV
    · Slew Rate: 0.4 V/µs
    · Gain Bandwidth Product: 1 MHz

    ## Typical Applications
    · Non-Inverting DC Gain
    · Power Amplifier
    · LED Driver
    · Fixed Current Sources
    · Lamp Driver

    # LM321 Linear Integrated Circuit

    ## Description
    · Low-power, single operational amplifier.
    · Designed for low-power systems while maintaining performance.
    · Operates in both single and dual supply applications.
    · Can drive large capacitive loads.

    ## Features
    · Supply Current: 430µA (5V)
    · Gain-Bandwidth Product: 1 MHz
    · Input Bias Current: 45nA
    · Supply Voltage Range: +3V ~ +32V
    · Stable with high capacitive loads.

    ## Ordering Information
    · LM321L-AE5-R: Lead Free, SOT-23-5 package, Tape Reel
    · LM321G-AE5-R: Halogen Free, SOT-23-5 package, Tape Reel

    ## Pin Configuration
    · 1: +IN (Non-inverting input)
    · 2: V- (Ground)
    · 3: -IN (Inverting input)
    · 4: OUTPUT
    · 5: V+ (Power supply)

    ## Absolute Maximum Ratings
    · Supply Voltage (V+ - V-): 32V
    · Input Voltage: -0.3V ~ +32V
    · Junction Temperature: 150°C
    · Storage Temperature: -65°C ~ +150°C

    ## Operating Ratings
    · Temperature Range: -40°C ~ 85°C
    · Supply Voltage: 3V ~ 30V

    ## Electrical Characteristics (Typical, TA=25°C, V+=5V, V-=0V)
    · Input Offset Voltage: 2-7 mV
    · Input Bias Current: 45-250 nA
    · Large Signal Voltage Gain: 15-100 V/mV
    · Slew Rate: 0.4 V/µs
    · Gain Bandwidth Product: 1 MHz

    ## Typical Applications
    · Non-Inverting DC Gain
    · Power Amplifier
    · LED Driver
    · Fixed Current Sources
    · Lamp Driver

    Part No.LM321_17
    ManufacturerUTC
    Size227 Kbytes
    Pages7 pages
    DescriptionLOW POWER SINGLE OP AMP