Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LL204L-D14-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LL204L-D14-R Datasheet

  • # Example questions: ➢ What is the recommended shunt resistor value for detecting a lamp outage with a current of 7a, given a detection threshold of 13mv?
    ➢ What is the typical clamping voltage specified in the document?
    ➢ What is the specified tolerance range (in percentage) for vcc values between 9v and 16v?

  • Part No.LL204L-D14-R
    ManufacturerUTC
    Size218 Kbytes
    Pages5 pages
    DescriptionDUAL OUTPUT FLASHER
    Datasheet Summary with AI

    # LL204 Dual Output Flasher

    ## Description
    ️· Dual output stages flasher for relay driver applications (e.g., automotive lighting).
    ️· Controls vehicle lights independently (left/right sides).
    ️· Simplifies hazard switch construction with a separate hazard warning input.
    ️· Increases flash frequency (2:1 ratio) to indicate lamp failure.
    ️· Low current consumption allows direct connection to the battery.

    ## Features
    ️· Temperature & voltage compensated flashing frequency.
    ️· Lamp fault indication via frequency doubling.
    ️· High current relay driver outputs with low saturation voltage.
    ️· Minimum lamp load: ≥ 1W.
    ️· Low EMI sensitivity.
    ️· Extremely low current consumption (<10μA).
    ️· Reverse polarity protection.
    ️· Three control inputs: left, right, hazard warning.

    ## Ordering Information
    ️· DIP-14:
    - LL204L-D14-R (Lead Free, Tube)
    - LL204G-D14-R (Halogen Free, Tube)
    ️· SOP-14:
    - LL204L-S14-R (Lead Free, Tape Reel)
    - LL204G-S14-R (Halogen Free, Tape Reel)

    ## Pin Configuration
    ️· See datasheet for detailed pin descriptions (OSC, SIL, SIR, SIHW, VS, CR1, CR2, LD, GND, OR1, OR2)

    ## Electrical Characteristics
    ️· Supply Voltage Range: 8-18V.
    ️· Output Current (Relay Driver): 300mA.
    ️· Supply Current (Switches Open): <10μA.
    ️· Lamp Failure Detection: Uses shunt resistor (R3 = 4.8mΩ for 2.7A outage current).

    ## Absolute Maximum Ratings
    ️· Supply Voltage: 24V.
    ️· Operating Temperature: -20°C to +85°C.
    ️· Storage Temperature: -40°C to +150°C.
    ️· Junction Temperature: +150°C.

    # LL204 Dual Output Flasher

    ## Description
    ️· Dual output stages flasher for relay driver applications (e.g., automotive lighting).
    ️· Controls vehicle lights independently (left/right sides).
    ️· Simplifies hazard switch construction with a separate hazard warning input.
    ️· Increases flash frequency (2:1 ratio) to indicate lamp failure.
    ️· Low current consumption allows direct connection to the battery.

    ## Features
    ️· Temperature & voltage compensated flashing frequency.
    ️· Lamp fault indication via frequency doubling.
    ️· High current relay driver outputs with low saturation voltage.
    ️· Minimum lamp load: ≥ 1W.
    ️· Low EMI sensitivity.
    ️· Extremely low current consumption (<10μA).
    ️· Reverse polarity protection.
    ️· Three control inputs: left, right, hazard warning.

    ## Ordering Information
    ️· DIP-14:
    - LL204L-D14-R (Lead Free, Tube)
    - LL204G-D14-R (Halogen Free, Tube)
    ️· SOP-14:
    - LL204L-S14-R (Lead Free, Tape Reel)
    - LL204G-S14-R (Halogen Free, Tape Reel)

    ## Pin Configuration
    ️· See datasheet for detailed pin descriptions (OSC, SIL, SIR, SIHW, VS, CR1, CR2, LD, GND, OR1, OR2)

    ## Electrical Characteristics
    ️· Supply Voltage Range: 8-18V.
    ️· Output Current (Relay Driver): 300mA.
    ️· Supply Current (Switches Open): <10μA.
    ️· Lamp Failure Detection: Uses shunt resistor (R3 = 4.8mΩ for 2.7A outage current).

    ## Absolute Maximum Ratings
    ️· Supply Voltage: 24V.
    ️· Operating Temperature: -20°C to +85°C.
    ️· Storage Temperature: -40°C to +150°C.
    ️· Junction Temperature: +150°C.

    Part No.LL204L-D14-R
    ManufacturerUTC
    Size218 Kbytes
    Pages5 pages
    DescriptionDUAL OUTPUT FLASHER