| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about GD25WD05C Datasheet
# Example questions:
➢ Explain the key difference between the 'read data bytes (read)' command (03h) and the 'fast read' command (0bh) in terms of speed and how data is output.
➢ What must happen *before* a page program (pp), sector erase (se), block erase (be), chip erase (ce), or write status register (wrsr) command can be successfully executed?
➢ The block protect (bp2, bp1, bp0) bits control read-only areas. what happens if a page program (pp) command is attempted on a page that is protected by these bits?
1. Device Overview:
️· Devices: GD25WD05C and GD25WD10C – These are flash memory devices.
️· Key Feature: They use a SPI (Serial Peripheral Interface) for communication.
2. Command Summary (Important for Programming/Reading):
| Command Name | Command Code | Description |
|---|---|---|
| Write Enable (WREN) | 06H | Sets the Write Enable Latch (WEL) bit to 1 (required before programming/erasing/writing status). |
| Write Disable (WRDI) | 04H | Resets the Write Enable Latch (WEL) bit to 0. |
| Read Status Register (RDSR) | 05H | Reads the Status Register. |
| Write Status Register (WRSR) | 01H | Writes to the Status Register (allows modifying Block Protection bits and Status Register Protect). Requires WEL to be set. |
| Read Data Bytes (READ) | 03H | Reads data from memory (sequential reads, address auto-increment). |
| Fast Read | 0BH | Reads data from memory at higher speed (sequential reads, address auto-increment). |
| Dual Output Fast Read | 3BH | Reads data from memory at higher speed with dual output (2 bits per clock cycle). Sequential reads, address auto-increment. |
| Page Program (PP) | 02H | Programs data to memory (requires WEL). Handles data beyond page boundaries. Programs up to 256 bytes at a time. |
| Operation Code | GD25WD05C | GD25WD10C | |
|---|---|---|---|
| 9FH | C8 | 64 | 11 |
| 90H | C8 | 10 | |
| ABH | 05 |
1. Device Overview:
️· Devices: GD25WD05C and GD25WD10C – These are flash memory devices.
️· Key Feature: They use a SPI (Serial Peripheral Interface) for communication.
2. Command Summary (Important for Programming/Reading):
| Command Name | Command Code | Description |
|---|---|---|
| Write Enable (WREN) | 06H | Sets the Write Enable Latch (WEL) bit to 1 (required before programming/erasing/writing status). |
| Write Disable (WRDI) | 04H | Resets the Write Enable Latch (WEL) bit to 0. |
| Read Status Register (RDSR) | 05H | Reads the Status Register. |
| Write Status Register (WRSR) | 01H | Writes to the Status Register (allows modifying Block Protection bits and Status Register Protect). Requires WEL to be set. |
| Read Data Bytes (READ) | 03H | Reads data from memory (sequential reads, address auto-increment). |
| Fast Read | 0BH | Reads data from memory at higher speed (sequential reads, address auto-increment). |
| Dual Output Fast Read | 3BH | Reads data from memory at higher speed with dual output (2 bits per clock cycle). Sequential reads, address auto-increment. |
| Page Program (PP) | 02H | Programs data to memory (requires WEL). Handles data beyond page boundaries. Programs up to 256 bytes at a time. |
| Operation Code | GD25WD05C | GD25WD10C | |
|---|---|---|---|
| 9FH | C8 | 64 | 11 |
| 90H | C8 | 10 | |
| ABH | 05 |
| Part No. | GD25WD05C |
| Manufacturer | GIGADEVICE |
| Size | 896 Kbytes |
| Pages | 43 pages |
| Description | Uniform Sector Standard and Dual Serial Flash |