| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LT2A01 Datasheet
# Example questions:
➢ What is the typical junction capacitance of the lt2a01 rectifier, as measured at 0mhz and an applied reverse voltage of 4.0v dc?
➢ What is the maximum average forward rectified current for the lt2a07 rectifier when the ambient temperature is 50°c?
➢ How does the maximum non-repetitive surge current change with the number of cycles at 60hz, according to figure 2?
# LT2A01 thru LT2A07 Plastic Silicon Rectifiers
## Features
️· Low cost
️· Diffused junction
️· Low forward voltage drop
️· Low reverse leakage current
️· High current capability
️· UL recognition 94V-0
## Mechanical Data
️· Case: JEDEC DO-15 molded plastic
️· Polarity: Color band denotes cathode
️· Weight: 0.015 ounces, 0.4 grams
️· Mounting position: Any
## Maximum Ratings and Electrical Characteristics
| Characteristic | LT2A01 | LT2A02 | LT2A03 | LT2A04 | LT2A05 | LT2A06 | LT2A07 | Unit |
| :----------------------------------------- | :---- | :---- | :---- | :---- | :---- | :---- | :---- | :---- |
| Recurrent Peak Reverse Voltage (VRRM) | 50 | 100 | 200 | 400 | 600 | 600 | 800 | V |
| RMS Voltage (VRMS) | 35 | 70 | 140 | 280 | 420 | 420 | 560 | V |
| Forward Voltage (Vf @ 1A) | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | V |
| Typical Junction Capacitance (CJ) | 20 | 20 | 20 | 20 | 20 | 20 | 20 | pF |
| Typical Thermal Resistance (RθJA) | 40 | 40 | 40 | 40 | 40 | 40 | 40 | °C/W |
| Operating Temperature Range (TJ) | -55 to +125 | -55 to +125 | -55 to +125 | -55 to +125 | -55 to +125 | -55 to +125 | -55 to +125 | °C |
| Storage Temperature Range (TSTG) | -55 to +150 | -55 to +150 | -55 to +150 | -55 to +150 | -55 to +150 | -55 to +150 | -55 to +150 | °C |
## Key Characteristics
️· Forward Current: 1.0 Amp
️· Reverse Voltage: 50V to 1000V
️· Junction Capacitance: 20pF
️· Thermal Resistance: 40 °C/W
# LT2A01 thru LT2A07 Plastic Silicon Rectifiers
## Features
️· Low cost
️· Diffused junction
️· Low forward voltage drop
️· Low reverse leakage current
️· High current capability
️· UL recognition 94V-0
## Mechanical Data
️· Case: JEDEC DO-15 molded plastic
️· Polarity: Color band denotes cathode
️· Weight: 0.015 ounces, 0.4 grams
️· Mounting position: Any
## Maximum Ratings and Electrical Characteristics
| Characteristic | LT2A01 | LT2A02 | LT2A03 | LT2A04 | LT2A05 | LT2A06 | LT2A07 | Unit |
|---|---|---|---|---|---|---|---|---|
| Recurrent Peak Reverse Voltage (VRRM) | 50 | 100 | 200 | 400 | 600 | 600 | 800 | V |
| RMS Voltage (VRMS) | 35 | 70 | 140 | 280 | 420 | 420 | 560 | V |
| Forward Voltage (Vf @ 1A) | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | V |
| Typical Junction Capacitance (CJ) | 20 | 20 | 20 | 20 | 20 | 20 | 20 | pF |
| Typical Thermal Resistance (RθJA) | 40 | 40 | 40 | 40 | 40 | 40 | 40 | °C/W |
| Operating Temperature Range (TJ) | -55 to +125 | -55 to +125 | -55 to +125 | -55 to +125 | -55 to +125 | -55 to +125 | -55 to +125 | °C |
| Storage Temperature Range (TSTG) | -55 to +150 | -55 to +150 | -55 to +150 | -55 to +150 | -55 to +150 | -55 to +150 | -55 to +150 | °C |
| Part No. | LT2A01 |
| Manufacturer | LITEON |
| Size | 33 Kbytes |
| Pages | 2 pages |
| Description | PLASTIC SILICON RECTIFIERS |