Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM339 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LM339 Datasheet

  • Example questions: 1. What are the designed applications for these comparators?
    2. What is the maximum power supply voltage for LM239, A/LM339A/LM2901?
    3. What is the input common mode voltage range for LM239, A/LM339A/LM2901?

  • Part No.LM339
    ManufacturerONSEMI
    Size145 Kbytes
    Pages8 pages
    DescriptionQuad Single Supply Comparators
    Datasheet Summary with AI

    The document is a data sheet for LM339, LM339A, LM239, LM239A, LM2901, M2901V, MC3302 comparators designed for use in level detection, low-level sensing, and memory applications in consumer automotive and industrial electronic applications.
    It includes information on maximum ratings, electrical characteristics, applications information, ordering information, and package dimensions.
    The comparators feature single or split supply operation, low input bias current, low input offset current, low input offset voltage, input common mode voltage range to ground, low output saturation voltage, TTL and CMOS compatibility, and ESD clamps on the inputs to increase reliability without affecting device operation.
    The document also includes circuit schematics, pin connections, and detailed ordering and shipping information.

    Datasheet Summary with AI

    The document is a data sheet for LM339, LM339A, LM239, LM239A, LM2901, M2901V, MC3302 comparators designed for use in level detection, low-level sensing, and memory applications in consumer automotive and industrial electronic applications.
    It includes information on maximum ratings, electrical characteristics, applications information, ordering information, and package dimensions.
    The comparators feature single or split supply operation, low input bias current, low input offset current, low input offset voltage, input common mode voltage range to ground, low output saturation voltage, TTL and CMOS compatibility, and ESD clamps on the inputs to increase reliability without affecting device operation.
    The document also includes circuit schematics, pin connections, and detailed ordering and shipping information.

    Part No.LM339
    ManufacturerONSEMI
    Size145 Kbytes
    Pages8 pages
    DescriptionQuad Single Supply Comparators