Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

JAZN Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about JAZN Datasheet

  • # Example questions: ➢ What is the minimum operating temperature this connector can withstand without compromising performance?
    ➢ What is the maximum permissible current that can be safely passed through this connector?
    ➢ What is the recommended metal mask thickness for optimal soldering with this connector?

  • Part No.JAZN
    ManufacturerJST
    Size229 Kbytes
    Pages2 pages
    Description0.4mm pitch/ Board-to-board connectors
    Datasheet Summary with AI

    # JAZN CONNECTOR
    ## General Description
    ️· 0.4mm pitch board-to-board connector
    ️· Space-saving design: Distance between PC boards is 0.7mm, width is 2.5mm.
    ️· Features contact lock, two-point contact, and good wiping contact structures.
    ️· RoHS2 compliant.
    ️· Supplied on embossed-tape.

    ## Specifications
    ️· Current rating: 0.3 A AC/DC
    ️· Voltage rating: 50 V AC/DC
    ️· Temperature range: -40℃ to +85℃
    ️· Contact resistance: 70 mΩ max (initial), 100 mΩ max (after environmental tests)
    ️· Insulation resistance: 100 MΩ min.
    ️· Withstanding voltage: 250 VAC/minute

    ## Materials and Finish
    ️· Contact: Phosphor bronze, nickel-undercoated, gold-plated (nickel-stripe)
    ️· Housing: LCP
    ️· Reinforcing tab (for receptacle models): Brass, copper-undercoated, tin-plated (reflow treatment)


    ## Dimensions & Layout Considerations
    ️· PC board layout recommendations are available.
    ️· Metal mask thickness: 100 μm
    ️· Refer to datasheet for detailed dimensional specifications, tolerances (±0.02 mm), and patterns.
    ️· Contact JST for nitrogen (N2) reflow soldering.
    ️· Refer to JST's website for handling precautions.

    ## Models
    | No. of Circuits | Model No. | Dimensions (mm) | Quantity per Reel |
    |---|---|---|---|
    | 30 | 30P - JAZNK - GSAN - ETF(HF) | 5.6 x 7.4 x 7.2 | 18,000 |
    | 30 | 30R - JAZNK - GSAN - ETF(HF) | 5.6 x 7.25 x 8.6 x 6.4 | 15,000 |

    # JAZN CONNECTOR
    ## General Description
    ️· 0.4mm pitch board-to-board connector
    ️· Space-saving design: Distance between PC boards is 0.7mm, width is 2.5mm.
    ️· Features contact lock, two-point contact, and good wiping contact structures.
    ️· RoHS2 compliant.
    ️· Supplied on embossed-tape.

    ## Specifications
    ️· Current rating: 0.3 A AC/DC
    ️· Voltage rating: 50 V AC/DC
    ️· Temperature range: -40℃ to +85℃
    ️· Contact resistance: 70 mΩ max (initial), 100 mΩ max (after environmental tests)
    ️· Insulation resistance: 100 MΩ min.
    ️· Withstanding voltage: 250 VAC/minute

    ## Materials and Finish
    ️· Contact: Phosphor bronze, nickel-undercoated, gold-plated (nickel-stripe)
    ️· Housing: LCP
    ️· Reinforcing tab (for receptacle models): Brass, copper-undercoated, tin-plated (reflow treatment)

    ## Dimensions & Layout Considerations
    ️· PC board layout recommendations are available.
    ️· Metal mask thickness: 100 μm
    ️· Refer to datasheet for detailed dimensional specifications, tolerances (±0.02 mm), and patterns.
    ️· Contact JST for nitrogen (N2) reflow soldering.
    ️· Refer to JST's website for handling precautions.

    ## Models
    No. of Circuits Model No. Dimensions (mm) Quantity per Reel
    30 30P - JAZNK - GSAN - ETF(HF) 5.6 x 7.4 x 7.2 18,000
    30 30R - JAZNK - GSAN - ETF(HF) 5.6 x 7.25 x 8.6 x 6.4 15,000

    Part No.JAZN
    ManufacturerJST
    Size229 Kbytes
    Pages2 pages
    Description0.4mm pitch/ Board-to-board connectors