| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about FDS193 Datasheet
# Example questions:
➢ What is the typical forward voltage when a forward current of 10ma is applied?
➢ What packaging quantity is provided per inner box of these diodes?
➢ What is the maximum allowable junction temperature for this diode?
# FDS193 Single Switching Diode
## Features
· Ultra high speed switching application
· Low Forward Voltage
· Fast Reverse Recovery Time
· Small Total Capacitance
· Chip made in Japan
## Mechanical Data
· Case: SOT-23 Plastic Package
· Weight: Approx. 0.008g
· Packaging:
- 3K per 7" reel (8mm tape)
- 15K inner box, 150K outer box
· Marking: F3
· Dimensions (mm):
- A: 2.90±0.15
- B: 1.30±0.15
- C: 1.05±0.15
- D: 0.40±0.10
- E: 2.50+0.10/-0.25
- G: 1.90±0.10
- H: 0.95
- J: 0.12+0.0/-0.1
- K: 0.00~0.10
- L: 0.55
- M: 0.40±0.10
- N: 1.0±0.10
## Maximum Ratings
· Maximum Peak Reverse Voltage (VRM): 85V
· Reverse Voltage (VR): 80V
· Continuous Forward Current (IF): 300A
· Surge Current (1uS) (IFSM): 2A
· Power Dissipation (PD): 300W
· Junction Temperature (Tj): 150°C
· Storage Temperature Range (Tstg): -55~150°C
## Electrical Characteristics
· Forward Voltage (VF(1)): 0.60V at IF=1mA
· Forward Voltage (VF(2)): 0.72V at IF=10mA
· Reverse Current (IR): ≤ at VR=80V
· Total Capacitance (CT): 0.9pF at VR=0, f=1MHz
· Reverse Recovery Time (trr): 1.6ns at IF=10mA
# FDS193 Single Switching Diode
## Features
· Ultra high speed switching application
· Low Forward Voltage
· Fast Reverse Recovery Time
· Small Total Capacitance
· Chip made in Japan
## Mechanical Data
· Case: SOT-23 Plastic Package
· Weight: Approx. 0.008g
· Packaging:
- 3K per 7" reel (8mm tape)
- 15K inner box, 150K outer box
· Marking: F3
· Dimensions (mm):
- A: 2.90±0.15
- B: 1.30±0.15
- C: 1.05±0.15
- D: 0.40±0.10
- E: 2.50+0.10/-0.25
- G: 1.90±0.10
- H: 0.95
- J: 0.12+0.0/-0.1
- K: 0.00~0.10
- L: 0.55
- M: 0.40±0.10
- N: 1.0±0.10
## Maximum Ratings
· Maximum Peak Reverse Voltage (VRM): 85V
· Reverse Voltage (VR): 80V
· Continuous Forward Current (IF): 300A
· Surge Current (1uS) (IFSM): 2A
· Power Dissipation (PD): 300W
· Junction Temperature (Tj): 150°C
· Storage Temperature Range (Tstg): -55~150°C
## Electrical Characteristics
· Forward Voltage (VF(1)): 0.60V at IF=1mA
· Forward Voltage (VF(2)): 0.72V at IF=10mA
· Reverse Current (IR): ≤ at VR=80V
· Total Capacitance (CT): 0.9pF at VR=0, f=1MHz
· Reverse Recovery Time (trr): 1.6ns at IF=10mA
| Part No. | FDS193 |
| Manufacturer | FS |
| Size | 97 Kbytes |
| Pages | 2 pages |
| Description | Single Switching Diode |