| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about IRF3007L Datasheet
# Example questions:
➢ What is the maximum drain current this mosfet can handle continuously when the case temperature is 25℃?
➢ How does the channel-to-case thermal resistance affect the device's ability to dissipate heat?
➢ What is the typical drain-source on-resistance when a gate-source voltage of 10v is applied with a drain current of 48a?
# Isc N-Channel MOSFET Transistor IRF3007L
## General Features
· To-262 package
· Low input capacitance and gate charge
· Low gate input resistance
· 100% avalanche tested
· Robust device performance and reliable operation
## Absolute Maximum Ratings (Ta=25℃)
· Drain-Source Voltage (VDSS): 75 V
· Gate-Source Voltage (VGSS): ±20 V
· Drain Current - Continuous (ID): 62 A (Tc=25℃), 44 A (Tc=100℃)
· Drain Current - Single Pulsed (IDM): 320 A
· Total Dissipation (PD): 120 W @ TC=25℃
· Max. Operating Junction Temperature (Tch): 175 ℃
· Storage Temperature (Tstg): -55~175 ℃
## Electrical Characteristics (TC=25℃ unless otherwise specified)
· Drain-Source Breakdown Voltage (BVDSS): 75 V (VGS=0V; ID=0.25mA)
· Gate Threshold Voltage (VGS(th)): 2.0 - 3.5 V (VDS=VGS; ID=0.25mA)
· Drain-Source On-Resistance (RDS(on)): 10.5 - 12.6 mΩ (VGS=10V; ID=48A)
· Gate-Source Leakage Current (IGSS): ±0.2 μA (VGS= ±20V;VDS=0V)
· Drain-Source Leakage Current (IDSS): 20 μA (VDS=75V; VGS= 0V;Tj=25℃), 250 μA (VDS=60V; VGS= 0V;Tj=125℃)
· Diode Forward Voltage (VSDF): 1.3 V (ISD=48A, VGS = 0 Vs)
## Thermal Characteristics
· Channel-to-case thermal resistance (Rth(ch-c)): 1.25 ℃/W
## Important Notices
· Website: www.iscsemi.cn
· Trademark: isc & iscsemi is registered trademark.
· Products are intended for general electronic equipment.
· Not designed for specialized quality/reliability, hazardous environments, aerospace, or medical fields.
· No warranty or liability assumed for product suitability or application.
# Isc N-Channel MOSFET Transistor IRF3007L
## General Features
· To-262 package
· Low input capacitance and gate charge
· Low gate input resistance
· 100% avalanche tested
· Robust device performance and reliable operation
## Absolute Maximum Ratings (Ta=25℃)
· Drain-Source Voltage (VDSS): 75 V
· Gate-Source Voltage (VGSS): ±20 V
· Drain Current - Continuous (ID): 62 A (Tc=25℃), 44 A (Tc=100℃)
· Drain Current - Single Pulsed (IDM): 320 A
· Total Dissipation (PD): 120 W @ TC=25℃
· Max. Operating Junction Temperature (Tch): 175 ℃
· Storage Temperature (Tstg): -55~175 ℃
## Electrical Characteristics (TC=25℃ unless otherwise specified)
· Drain-Source Breakdown Voltage (BVDSS): 75 V (VGS=0V; ID=0.25mA)
· Gate Threshold Voltage (VGS(th)): 2.0 - 3.5 V (VDS=VGS; ID=0.25mA)
· Drain-Source On-Resistance (RDS(on)): 10.5 - 12.6 mΩ (VGS=10V; ID=48A)
· Gate-Source Leakage Current (IGSS): ±0.2 μA (VGS= ±20V;VDS=0V)
· Drain-Source Leakage Current (IDSS): 20 μA (VDS=75V; VGS= 0V;Tj=25℃), 250 μA (VDS=60V; VGS= 0V;Tj=125℃)
· Diode Forward Voltage (VSDF): 1.3 V (ISD=48A, VGS = 0 Vs)
## Thermal Characteristics
· Channel-to-case thermal resistance (Rth(ch-c)): 1.25 ℃/W
## Important Notices
· Website: www.iscsemi.cn
· Trademark: isc & iscsemi is registered trademark.
· Products are intended for general electronic equipment.
· Not designed for specialized quality/reliability, hazardous environments, aerospace, or medical fields.
· No warranty or liability assumed for product suitability or application.
| Part No. | IRF3007L |
| Manufacturer | ISC |
| Size | 300 Kbytes |
| Pages | 2 pages |
| Description | Isc N-Channel MOSFET Transistor |