Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS053 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FS053 Datasheet

  • # Example questions: ➢ What operating systems are officially supported on the fs053 board?
    ➢ What are the available processor options for the fs053 and what type of memory do they support?
    ➢ What are the dimensions of the fs053 board and what form factor does it utilize?

  • Part No.FS053
    ManufacturerDFI
    Size1Mb
    Pages2 pages
    DescriptionNXP i.MX6 Series 2.5" Pico-ITX
    Datasheet Summary with AI

    ## Summary of the FS053 Industrial Computer

    The FS053 is a 2.5" Pico-ITX industrial computer based on the NXP i.MX6 processor. Here's a breakdown of its key features and specifications:

    Processor & Memory:

    ️· Processor Options: Available with either an i.MX6 DualLite or i.MX6 Quad processor.
    ️· Memory: Supports up to 2GB of DDR3L RAM (default is 1GB), with options for 4GB.
    ️· Flash: 4MB NOR flash memory.

    Connectivity & Expansion:

    ️· Dual Display Support: Supports both HDMI and LVDS displays with various resolutions.
    ️· Networking: Two Gigabit Ethernet ports (using Atheros AR833 and LAN7500 controllers).
    ️· Serial Ports: One RS-485 and one RS-232/422/485 port.
    ️· USB: Four USB 2.0 ports, and one USB 2.0 OTG port.
    ️· Expansion: One Mini PCIe slot.
    ️· Storage: One Micro SD slot.
    ️· Other: 8-bit DIO (Digital Input/Output).

    Power & Environment:

    ️· Power Input: 9-36V DC.
    ️· Operating Temperature: -20°C to 70°C (depending on model).
    ️· Certifications: CE, FCC, RoHS compliant.

    Physical Characteristics:

    ️· Form Factor: 2.5" Pico-ITX
    ️· Dimensions: 100mm x 72mm
    ️· Height: PCB: 1.6mm, Top Side: 16.15mm, Bottom Side: 4mm

    Software Support:

    ️· Supports Yocto Linux (version 1.8, preloaded).
    ️· Compatible with Android (5.1.1).

    Available Models:

    ️· FS053-BC-18DL: i.MX6 DualLite, 1GB RAM, Fanless, 0-60°C
    ️· FS053-BC-28QD: i.MX6 Quad, 2GB RAM, Fanless, 0-60°C
    ️· FS053-EC-18DL: i.MX6 DualLite, 1GB RAM, Fanless, -20 to 70°C
    ️· FS053-EC-28QD: i.MX6 Quad, 2GB RAM, Fanless, -20 to 70°C

    Optional Accessories:

    ️· Terminal block for RS485.
    ️· Heat spreader.
    ️· USB port cable.
    ️· COM port cable.
    ️· Power/LCD backlight cable.
    ️· Heat sink.

    ## Summary of the FS053 Industrial Computer

    The FS053 is a 2.5" Pico-ITX industrial computer based on the NXP i.MX6 processor. Here's a breakdown of its key features and specifications:

    Processor & Memory:

    ️· Processor Options: Available with either an i.MX6 DualLite or i.MX6 Quad processor.
    ️· Memory: Supports up to 2GB of DDR3L RAM (default is 1GB), with options for 4GB.
    ️· Flash: 4MB NOR flash memory.

    Connectivity & Expansion:

    ️· Dual Display Support: Supports both HDMI and LVDS displays with various resolutions.
    ️· Networking: Two Gigabit Ethernet ports (using Atheros AR833 and LAN7500 controllers).
    ️· Serial Ports: One RS-485 and one RS-232/422/485 port.
    ️· USB: Four USB 2.0 ports, and one USB 2.0 OTG port.
    ️· Expansion: One Mini PCIe slot.
    ️· Storage: One Micro SD slot.
    ️· Other: 8-bit DIO (Digital Input/Output).

    Power & Environment:

    ️· Power Input: 9-36V DC.
    ️· Operating Temperature: -20°C to 70°C (depending on model).
    ️· Certifications: CE, FCC, RoHS compliant.

    Physical Characteristics:

    ️· Form Factor: 2.5" Pico-ITX
    ️· Dimensions: 100mm x 72mm
    ️· Height: PCB: 1.6mm, Top Side: 16.15mm, Bottom Side: 4mm

    Software Support:

    ️· Supports Yocto Linux (version 1.8, preloaded).
    ️· Compatible with Android (5.1.1).

    Available Models:

    ️· FS053-BC-18DL: i.MX6 DualLite, 1GB RAM, Fanless, 0-60°C
    ️· FS053-BC-28QD: i.MX6 Quad, 2GB RAM, Fanless, 0-60°C
    ️· FS053-EC-18DL: i.MX6 DualLite, 1GB RAM, Fanless, -20 to 70°C
    ️· FS053-EC-28QD: i.MX6 Quad, 2GB RAM, Fanless, -20 to 70°C

    Optional Accessories:

    ️· Terminal block for RS485.
    ️· Heat spreader.
    ️· USB port cable.
    ️· COM port cable.
    ️· Power/LCD backlight cable.
    ️· Heat sink.

    Part No.FS053
    ManufacturerDFI
    Size1Mb
    Pages2 pages
    DescriptionNXP i.MX6 Series 2.5" Pico-ITX