Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STF8NM60ND Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STF8NM60ND Datasheet

  • # Example questions: ➢ How does the thermal resistance, junction to case, affect the device's heat dissipation?
    ➢ What is the minimum drain-source breakdown voltage when the gate-source voltage is zero and the drain current is 1ma?
    ➢ What is the maximum allowable drain current under continuous operating conditions?

  • Part No.STF8NM60ND
    ManufacturerISC
    Size310 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    Datasheet Summary with AI

    # isc N-Channel MOSFET Transistor STF8NM60ND

    ## Features

    · Drain Current (ID): 7A @ TC=25℃
    · Drain-Source Voltage (VDSS): 600V (Min)
    · Static Drain-Source On-Resistance (RDS(on)): 0.7Ω (Max)
    · 100% Avalanche Tested
    · Minimum Lot-to-Lot Variations for Robust Device Performance

    ## Applications

    · Switching application

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 600 V
    VGS Gate-Source Voltage-Continuous ±30 V
    ID Drain Current-Continuous 7 A
    IDM Drain Current-Single Pluse 28 A
    PD Total Dissipation @TC=25℃ 25 W
    TJ Max. Operating Junction Temperature 150
    Tstg Storage Temperature -55~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 5 ℃/W

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS=0; ID=1mA 600 V
    VGS(th) Gate Threshold Voltage VDS=VGS; ID=0.25mA 3 5 V
    RDS(on) Drain-Source On-Resistance VGS=10V; ID=3.5A 0.7 Ω
    IGSS Gate-Body Leakage Current VGS=±20V;VDS=0 ±100 nA
    IDSS Zero Gate Voltage Drain Current VDS=Max rating; Tj=125℃ 100 μA
    VSD Forward On-Voltage IS=7A; VGS=0 1.3 V

    ## Notices

    · Intended for general electronic equipment.
    · Not designed for specialized quality/reliability or hazardous/aerospace/medical applications. Contact ISC for such use cases.
    · ISC disclaims any warranty or liability arising from product use.



    _isc website_ : _www.iscsemi.com_

    # isc N-Channel MOSFET Transistor STF8NM60ND

    ## Features

    · Drain Current (ID): 7A @ TC=25℃
    · Drain-Source Voltage (VDSS): 600V (Min)
    · Static Drain-Source On-Resistance (RDS(on)): 0.7Ω (Max)
    · 100% Avalanche Tested
    · Minimum Lot-to-Lot Variations for Robust Device Performance

    ## Applications

    · Switching application

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 600 V
    VGS Gate-Source Voltage-Continuous ±30 V
    ID Drain Current-Continuous 7 A
    IDM Drain Current-Single Pluse 28 A
    PD Total Dissipation @TC=25℃ 25 W
    TJ Max. Operating Junction Temperature 150
    Tstg Storage Temperature -55~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 5 ℃/W

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS=0; ID=1mA 600 V
    VGS(th) Gate Threshold Voltage VDS=VGS; ID=0.25mA 3 5 V
    RDS(on) Drain-Source On-Resistance VGS=10V; ID=3.5A 0.7 Ω
    IGSS Gate-Body Leakage Current VGS=±20V;VDS=0 ±100 nA
    IDSS Zero Gate Voltage Drain Current VDS=Max rating; Tj=125℃ 100 μA
    VSD Forward On-Voltage IS=7A; VGS=0 1.3 V

    ## Notices

    · Intended for general electronic equipment.
    · Not designed for specialized quality/reliability or hazardous/aerospace/medical applications. Contact ISC for such use cases.
    · ISC disclaims any warranty or liability arising from product use.



    _isc website_ : _www.iscsemi.com_

    Part No.STF8NM60ND
    ManufacturerISC
    Size310 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor