Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APT20M16B2LL Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about APT20M16B2LL Datasheet

  • # Example questions: ➢ What is the operating junction temperature range within which this mosfet is designed to function?
    ➢ What is the maximum continuous drain current this mosfet can handle at a junction temperature of 25°c?
    ➢ How does the drain-source on-resistance (rds(on)) change when the gate-source voltage is 10v and the drain current is 50a?

  • Part No.APT20M16B2LL
    ManufacturerISC
    Size420 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    Datasheet Summary with AI

    # isc N-Channel MOSFET Transistor APT20M16B2LL

    ## Features

    · Drain Current: ID = 100A @ TC = 25°C
    · Drain-Source Voltage: VDSS = 200V (Min)
    · Static Drain-Source On-Resistance: RDS(on) = 0.016Ω (Max)
    · 100% avalanche tested
    · Minimum lot-to-lot variations for robust device performance

    ## Absolute Maximum Ratings (Ta=25°C)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 200 V
    VGS Gate-Source Voltage-Continuous ±30 V
    ID Drain Current-Continuous 100 A
    IDM Drain Current-Single Pulse 400 A
    PD Total Dissipation @TC=25℃ 694 W
    TJ Max. Operating Junction Temperature -55~150
    Tstg Storage Temperature -55~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 0.18 ℃/W

    ## Electrical Characteristics (TC=25°C unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS= 1.0; ID= 1.0mA 200 V
    VGS(th) Gate Threshold Voltage VDS= VGS; ID= 2.5mA 3 5 V
    RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 50A 0.016 Ω
    IGSS Gate-Body Leakage Current VGS= ±30V; VDS= 0 ±100 nA
    IDSS Zero Gate Voltage Drain Current VDS= 200V; VGS= 0 <br>VDS= 160V; VGS= 0@TC=125℃ 100<br>500 μA
    VSD Forward On-Voltage IS=-100A; VGS= 0 1.3 V

    ## Notice

    · Designed for use in switchmode power supplies and general purpose applications.
    · ISC reserves the rights to make changes to the datasheet at any time.
    · Intended for general electronic equipment; not for applications requiring specialized quality, reliability, hazardous environments, aerospace, or medical use. Contact ISC for these uses.
    · ISC makes no warranty or guarantee regarding suitability for any particular purpose and disclaims any liability.

    # isc N-Channel MOSFET Transistor APT20M16B2LL

    ## Features

    · Drain Current: ID = 100A @ TC = 25°C
    · Drain-Source Voltage: VDSS = 200V (Min)
    · Static Drain-Source On-Resistance: RDS(on) = 0.016Ω (Max)
    · 100% avalanche tested
    · Minimum lot-to-lot variations for robust device performance

    ## Absolute Maximum Ratings (Ta=25°C)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 200 V
    VGS Gate-Source Voltage-Continuous ±30 V
    ID Drain Current-Continuous 100 A
    IDM Drain Current-Single Pulse 400 A
    PD Total Dissipation @TC=25℃ 694 W
    TJ Max. Operating Junction Temperature -55~150
    Tstg Storage Temperature -55~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 0.18 ℃/W

    ## Electrical Characteristics (TC=25°C unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS= 1.0; ID= 1.0mA 200 V
    VGS(th) Gate Threshold Voltage VDS= VGS; ID= 2.5mA 3 5 V
    RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 50A 0.016 Ω
    IGSS Gate-Body Leakage Current VGS= ±30V; VDS= 0 ±100 nA
    IDSS Zero Gate Voltage Drain Current VDS= 200V; VGS= 0 <br>VDS= 160V; VGS= 0@TC=125℃ 100<br>500 μA
    VSD Forward On-Voltage IS=-100A; VGS= 0 1.3 V

    ## Notice

    · Designed for use in switchmode power supplies and general purpose applications.
    · ISC reserves the rights to make changes to the datasheet at any time.
    · Intended for general electronic equipment; not for applications requiring specialized quality, reliability, hazardous environments, aerospace, or medical use. Contact ISC for these uses.
    · ISC makes no warranty or guarantee regarding suitability for any particular purpose and disclaims any liability.

    Part No.APT20M16B2LL
    ManufacturerISC
    Size420 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor