Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3003 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SK3003 Datasheet

  • # Example questions: ➢ How does the thermal resistance, junction-to-case, affect the device's heat dissipation capabilities?
    ➢ What is the minimum drain-source breakdown voltage when the gate-source voltage is zero and the drain current is 0.1ma?
    ➢ What is the maximum drain current this mosfet can handle under continuous operating conditions?

  • Part No.2SK3003
    ManufacturerISC
    Size296 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    Datasheet Summary with AI

    # isc N-Channel MOSFET Transistor 2SK3003

    ## Features

    · Drain Current: ID = 18A @ TC = 25°C
    · Drain-Source Voltage: VDSS = 200V (min)
    · Static Drain-Source On-Resistance: RDS(on) = 0.175Ω (max)
    · 100% Avalanche Tested
    · Minimum Lot-to-Lot Variations

    ## Absolute Maximum Ratings (Ta = 25°C)

    · Drain-Source Voltage (VDSS): 200V
    · Gate-Source Voltage (VGS): ±20V
    · Drain Current (ID): 18A
    · Drain Current (Single Pulse) (IDM): 72A
    · Total Dissipation (PD): 35W @ TC=25°C
    · Max. Operating Junction Temperature (TJ): 150°C
    · Storage Temperature (Tstg): -55~150°C

    ## Thermal Characteristics

    · Thermal Resistance, Junction to Case (Rth j-c): 3.57 °C/W

    ## Electrical Characteristics (TC = 25°C unless otherwise specified)

    · Drain-Source Breakdown Voltage (V(BR)DSS): 200V @ VGS=0; ID=0.1mA
    · Gate Threshold Voltage (VGS(th)): 2-4V @ VDS=VGS; ID=1mA
    · Drain-Source On-Resistance (RDS(on)): 0.175Ω @ VGS=10V; ID=9A
    · Gate-Body Leakage Current (IGSS): ±100 nA @ VGS= ±20V; VDS=0
    · Zero Gate Voltage Drain Current (IDSS): 100 μA @ VDS=200V; VGS=0
    · Forward On-Voltage (VSD): 1.5V @ IS=18A; VGS=0

    ## Important Notices

    · ISC reserves right to make changes without notification.
    · Designed for use in switchmode power supplies and general purpose applications.
    · Not designed for use in equipment requiring specialized quality/reliability or hazardous environments, aerospace, or medical field. Contact ISC for such applications.
    · ISC makes no warranty or guarantee regarding suitability for any particular purpose and disclaims all liability.

    # isc N-Channel MOSFET Transistor 2SK3003

    ## Features

    · Drain Current: ID = 18A @ TC = 25°C
    · Drain-Source Voltage: VDSS = 200V (min)
    · Static Drain-Source On-Resistance: RDS(on) = 0.175Ω (max)
    · 100% Avalanche Tested
    · Minimum Lot-to-Lot Variations

    ## Absolute Maximum Ratings (Ta = 25°C)

    · Drain-Source Voltage (VDSS): 200V
    · Gate-Source Voltage (VGS): ±20V
    · Drain Current (ID): 18A
    · Drain Current (Single Pulse) (IDM): 72A
    · Total Dissipation (PD): 35W @ TC=25°C
    · Max. Operating Junction Temperature (TJ): 150°C
    · Storage Temperature (Tstg): -55~150°C

    ## Thermal Characteristics

    · Thermal Resistance, Junction to Case (Rth j-c): 3.57 °C/W

    ## Electrical Characteristics (TC = 25°C unless otherwise specified)

    · Drain-Source Breakdown Voltage (V(BR)DSS): 200V @ VGS=0; ID=0.1mA
    · Gate Threshold Voltage (VGS(th)): 2-4V @ VDS=VGS; ID=1mA
    · Drain-Source On-Resistance (RDS(on)): 0.175Ω @ VGS=10V; ID=9A
    · Gate-Body Leakage Current (IGSS): ±100 nA @ VGS= ±20V; VDS=0
    · Zero Gate Voltage Drain Current (IDSS): 100 μA @ VDS=200V; VGS=0
    · Forward On-Voltage (VSD): 1.5V @ IS=18A; VGS=0

    ## Important Notices

    · ISC reserves right to make changes without notification.
    · Designed for use in switchmode power supplies and general purpose applications.
    · Not designed for use in equipment requiring specialized quality/reliability or hazardous environments, aerospace, or medical field. Contact ISC for such applications.
    · ISC makes no warranty or guarantee regarding suitability for any particular purpose and disclaims all liability.

    Part No.2SK3003
    ManufacturerISC
    Size296 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor