| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SF51 Datasheet
# Example questions:
➢ What is the typical junction temperature when measuring the reverse characteristics as shown in fig.4?
➢ What is the maximum forward current that each of the sf51 through sf58 rectifiers can handle?
➢ How much should the forward current be derated for capacitive loads, and why?
# Super Fast Rectifiers SF51 ~ SF58
## General Specifications
️· Type: Super Fast Rectifiers
️· Reverse Voltage: 50V ~ 600V
️· Forward Current: 5.0A
️· Features:
- Low forward voltage drop
- High current capability
- High reliability
- High surge current capability
## Operating Conditions
️· Ambient Temperature: 25 [o] C unless otherwise specified.
️· Load: Single phase, half wave, 60Hz, resistive or inductive.
️· Capacitive Load Derating: Current reduced by 20%.
️· Lead Length: 0.375" (9.5mm)
## Electrical Characteristics
️· Maximum Non-Repetitive Forward Surge Current (IFSM):
- 8.3ms Single Half Sine Wave (JEDEC Method)
- Varies per model and number of cycles (30, 60, 90, 110, 140, 170, 200)
️· Typical Forward Characteristics:
- VF (V) vs. IF (A) at TJ=25℃ (Pulse width=300us, 1% Duty Cycle)
️· Typical Reverse Characteristics:
- IR (uA) vs. Voltage (%) at TJ=25℃, 100℃, 125℃
️· Reverse Recovery Time: See FIG. 5.
# Super Fast Rectifiers SF51 ~ SF58
## General Specifications
️· Type: Super Fast Rectifiers
️· Reverse Voltage: 50V ~ 600V
️· Forward Current: 5.0A
️· Features:
- Low forward voltage drop
- High current capability
- High reliability
- High surge current capability
## Operating Conditions
️· Ambient Temperature: 25 [o] C unless otherwise specified.
️· Load: Single phase, half wave, 60Hz, resistive or inductive.
️· Capacitive Load Derating: Current reduced by 20%.
️· Lead Length: 0.375" (9.5mm)
## Electrical Characteristics
️· Maximum Non-Repetitive Forward Surge Current (IFSM):
- 8.3ms Single Half Sine Wave (JEDEC Method)
- Varies per model and number of cycles (30, 60, 90, 110, 140, 170, 200)
️· Typical Forward Characteristics:
- VF (V) vs. IF (A) at TJ=25℃ (Pulse width=300us, 1% Duty Cycle)
️· Typical Reverse Characteristics:
- IR (uA) vs. Voltage (%) at TJ=25℃, 100℃, 125℃
️· Reverse Recovery Time: See FIG. 5.
| Part No. | SF51 |
| Manufacturer | FS |
| Size | 371 Kbytes |
| Pages | 2 pages |
| Description | Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 5.0Amp |