| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about UM1B Datasheet
# Example questions:
➢ What is the recommended copper pad area for pcb mounting, as specified in the note?
➢ What is the typical thermal resistance for all rectifier types listed?
➢ What is the maximum dc blocking voltage for the um6b rectifier?
# SUMMARY:
Device: Rectifier Diode (UM1B – UM10B series)
Key Features:
️· Voltage Ratings: Repetitive Peak Reverse Voltage from 100V to 1000V.
️· Current Ratings: Average Rectified Current of 0.8A.
️· Package: Plastic surface-mounted, 4-lead.
️· Applications: General purpose rectification.
Electrical Characteristics (Typical Values - per Series):
|Parameter|UM1B|UM2B|UM4B|UM6B|UM8B|UM10B|Units|
|---|---|---|---|---|---|---|---|
|VRRM (Peak Reverse Voltage)|100V|200V|400V|600V|800V|1000V|V|
|VRMS (RMS Voltage)|70V|140V|280V|420V|560V|700V|V|
|IO (Average Current)|0.8A|0.8A|0.8A|0.8A|0.8A|0.8A|A|
|IFSM (Peak Surge Current)|25A|25A|25A|25A|25A|25A|A|
|VF (Forward Voltage) @ 0.4A |1.0V|1.0V|1.0V|1.0V|1.0V|1.0V|V|
|VF @ 0.8A |1.1V|1.1V|1.1V|1.1V|1.1V|1.1V|V|
|IR (Reverse Current) @ 25°C|3μA|3μA|3μA|3μA|3μA|3μA|μA|
|CJ (Junction Capacitance)|13pF|13pF|13pF|13pF|13pF|13pF|pF|
Marking: The part number (UM1B, UM2B, etc.) will be marked on the device.
Dimensions: Refer to package outline drawing (included in full datasheet).
Note: This is a summary. Consult the full datasheet for complete specifications and other important information.
# SUMMARY:
Device: Rectifier Diode (UM1B – UM10B series)
Key Features:
️· Voltage Ratings: Repetitive Peak Reverse Voltage from 100V to 1000V.
️· Current Ratings: Average Rectified Current of 0.8A.
️· Package: Plastic surface-mounted, 4-lead.
️· Applications: General purpose rectification.
Electrical Characteristics (Typical Values - per Series):
| Parameter | UM1B | UM2B | UM4B | UM6B | UM8B | UM10B | Units |
|---|---|---|---|---|---|---|---|
| VRRM (Peak Reverse Voltage) | 100V | 200V | 400V | 600V | 800V | 1000V | V |
| VRMS (RMS Voltage) | 70V | 140V | 280V | 420V | 560V | 700V | V |
| IO (Average Current) | 0.8A | 0.8A | 0.8A | 0.8A | 0.8A | 0.8A | A |
| IFSM (Peak Surge Current) | 25A | 25A | 25A | 25A | 25A | 25A | A |
| VF (Forward Voltage) @ 0.4A | 1.0V | 1.0V | 1.0V | 1.0V | 1.0V | 1.0V | V |
| VF @ 0.8A | 1.1V | 1.1V | 1.1V | 1.1V | 1.1V | 1.1V | V |
| IR (Reverse Current) @ 25°C | 3μA | 3μA | 3μA | 3μA | 3μA | 3μA | μA |
| CJ (Junction Capacitance) | 13pF | 13pF | 13pF | 13pF | 13pF | 13pF | pF |
| Part No. | UM1B |
| Manufacturer | FS |
| Size | 500 Kbytes |
| Pages | 3 pages |
| Description | 0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER |