| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ICS726 Datasheet
# Example questions:
➢ What is the typical crystal pullability range (fp) of the ics726, and what external component specification is crucial to achieving this performance?
➢ What is the typical operating supply voltage for the ics726, according to the datasheet?
➢ What package options are available for the ics726, and what do the 'lf' and 't' suffixes signify in the part number?
1. Device Overview:
️· Part: ICS726 is a Voltage-Controlled Crystal Oscillator (VCXO).
️· Function: Generates a stable clock signal, with frequency controlled by an input voltage (VIN).
️· Frequency Range: 12 - 36 MHz.
️· Package: 6-pin TSOT-23-6
2. Ordering Information & Packages
️· Part Numbers:
- ICS726T (Tubes)
- ICS726TT (Tape and Reel)
- ICS726TLF (Tubes)
- ICS726TLFT (Tape and Reel)
️· RoHS Compliance: Parts with the "LF" suffix are Pb-Free and RoHS compliant.
3. Electrical Characteristics:
️· Supply Voltage (VDD): 3.15V to 3.45V.
️· Crystal Pullability: ±115 ppm (parts per million) over the VIN range.
️· VCXO Gain: 140 ppm/V
️· Operating Temperature: 0°C to +70°C.
️· Input Voltage (VIA): 0 to 3.3V
4. Absolute Maximum Ratings:
️· Supply Voltage (VDD): 7V
️· Input/Output Voltage: -0.5 V to VDD + 0.5 V
️· Ambient Temperature: -65°C to +150°C
️· Storage Temperature: -65°C to +150°C
5. Key Considerations / External Components:
️· Crystal: Requires an external crystal that meets specified pullable crystal specifications.
️· Capacitors: 1-4 pF capacitors may be needed for external crystal stabilization (value determined through prototyping).
️· Layout: Proper PCB layout is crucial for optimal performance (minimize stray capacitance).
6. Package Dimensions (Provided in a table with both mm and inch values). The dimensions describe the physical size and pin locations of the TSOT-23-6 package.
1. Device Overview:
️· Part: ICS726 is a Voltage-Controlled Crystal Oscillator (VCXO).
️· Function: Generates a stable clock signal, with frequency controlled by an input voltage (VIN).
️· Frequency Range: 12 - 36 MHz.
️· Package: 6-pin TSOT-23-6
2. Ordering Information & Packages
️· Part Numbers:
- ICS726T (Tubes)
- ICS726TT (Tape and Reel)
- ICS726TLF (Tubes)
- ICS726TLFT (Tape and Reel)
️· RoHS Compliance: Parts with the "LF" suffix are Pb-Free and RoHS compliant.
3. Electrical Characteristics:
️· Supply Voltage (VDD): 3.15V to 3.45V.
️· Crystal Pullability: ±115 ppm (parts per million) over the VIN range.
️· VCXO Gain: 140 ppm/V
️· Operating Temperature: 0°C to +70°C.
️· Input Voltage (VIA): 0 to 3.3V
4. Absolute Maximum Ratings:
️· Supply Voltage (VDD): 7V
️· Input/Output Voltage: -0.5 V to VDD + 0.5 V
️· Ambient Temperature: -65°C to +150°C
️· Storage Temperature: -65°C to +150°C
5. Key Considerations / External Components:
️· Crystal: Requires an external crystal that meets specified pullable crystal specifications.
️· Capacitors: 1-4 pF capacitors may be needed for external crystal stabilization (value determined through prototyping).
️· Layout: Proper PCB layout is crucial for optimal performance (minimize stray capacitance).
6. Package Dimensions (Provided in a table with both mm and inch values). The dimensions describe the physical size and pin locations of the TSOT-23-6 package.
| Part No. | ICS726 |
| Manufacturer | ICST |
| Size | 118 Kbytes |
| Pages | 6 pages |
| Description | 12 TO 36 MHZ SOT-23 VCXO |