| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AS5304 Datasheet
# Example questions:
➢ What is the relationship between the distance of a magnet from the as5304/as5306 chip and the voltage output of the ao pin?
➢ What are the pole length requirements for optimal performance when using a multi-pole ring magnet with the as5304 and as5306 respectively?
➢ What is the maximum rotational speed achievable with an as5304/as5306 chip when used with a 22-pole pair magnetic ring?
1. Overview & Purpose
️· What they are: AS5304 and AS5306 are high-performance, non-contact magnetic position sensors. They's designed for rotary and linear position sensing applications.
️· How they work: They detect the position of a magnetic pole using Hall sensors and advanced signal processing.
️· Key applications: Rotary encoders (motor control, robotics, automation), linear position feedback (motion control, industrial automation).
2. Key Features & Benefits
️· High Resolution: Up to 3520 steps per revolution, achieved through interpolation.
️· Non-Contact: No mechanical wear and tear, long operational life.
️· High-Speed: Capable of processing magnetic field changes at up to 5 kHz (equivalent to 300,000 RPM for rotary applications).
️· AGC (Automatic Gain Control): Provides information about the distance between the sensor and the magnet via the AO output.
️· Quadrature Output: Provides direction information.
️· Small Package Size: 20-pin TSSOP.
️· Analog Output (AO): Monitoring magnet-to-sensor distance.
3. Operating Principles & Signal Output
️· Magnetic Field Detection: The sensor detects alternating north and south magnetic poles.
️· Interpolation: The sensor interpolates the magnetic field signal to increase resolution. The number of interpolated steps is 160. (40 quadrature pulses).
️· Outputs:
- Quadrature Output (A & B): Provides position information and direction.
- Analog Output (AO): Reflects the AGC signal, indicating magnet-to-sensor distance. A shorter distance results in a lower AO voltage, and a longer distance results in a higher AO voltage.
4. Application Considerations & Performance Parameters
️· Magnetic Ring/Strip Design:
- Rotary Applications (Ring Magnet): Pole length must be constant (4mm for AS5304, 2.4mm for AS5306). The diameter of the ring increases linearly with the number of pole pairs.
- Linear Applications (Strip Magnet): Also, the pole length is fixed (2.0mm for AS5304, 2.4mm for AS5306).
️· Resolution Calculations:
- `Resolution (steps) = Interpolation Factor (160) * Number of Pole Pairs`
- `Resolution (bits) = log(Resolution(steps)) / log(2)`
️· Maximum Speed Calculations:
- `Maximum Rotation Speed (RPM) = 300000 / Number of Pole Pairs`
- `Maximum Linear Travelling Speed (mm/s) = 5000 * Pole Pair Length`
️· Important Limits:
- DNL (Dynamic Non-Linearity): Must be less than ±½ LSB to avoid missing codes.
- Pole Length Consistency: Crucial for accurate position sensing.
- Sensor Placement: Ensure sensors are aligned with the magnet's median to ensure accuracy.
5. Key Equations & Values Summary
| Parameter | AS5304 | AS5306 |
|---|---|---|
| Interpolation Factor | 160 | 160 |
| Fixed Pole Length (Ring) | 4 mm | 2.4 mm |
| Fixed Pole Length (Strip) | 2 mm | 2.4 mm |
| Max. Rotation Speed (Rel. to # of Poles) | 300000 rpm | 300000 rpm |
1. Overview & Purpose
️· What they are: AS5304 and AS5306 are high-performance, non-contact magnetic position sensors. They's designed for rotary and linear position sensing applications.
️· How they work: They detect the position of a magnetic pole using Hall sensors and advanced signal processing.
️· Key applications: Rotary encoders (motor control, robotics, automation), linear position feedback (motion control, industrial automation).
2. Key Features & Benefits
️· High Resolution: Up to 3520 steps per revolution, achieved through interpolation.
️· Non-Contact: No mechanical wear and tear, long operational life.
️· High-Speed: Capable of processing magnetic field changes at up to 5 kHz (equivalent to 300,000 RPM for rotary applications).
️· AGC (Automatic Gain Control): Provides information about the distance between the sensor and the magnet via the AO output.
️· Quadrature Output: Provides direction information.
️· Small Package Size: 20-pin TSSOP.
️· Analog Output (AO): Monitoring magnet-to-sensor distance.
3. Operating Principles & Signal Output
️· Magnetic Field Detection: The sensor detects alternating north and south magnetic poles.
️· Interpolation: The sensor interpolates the magnetic field signal to increase resolution. The number of interpolated steps is 160. (40 quadrature pulses).
️· Outputs:
- Quadrature Output (A & B): Provides position information and direction.
- Analog Output (AO): Reflects the AGC signal, indicating magnet-to-sensor distance. A shorter distance results in a lower AO voltage, and a longer distance results in a higher AO voltage.
4. Application Considerations & Performance Parameters
️· Magnetic Ring/Strip Design:
- Rotary Applications (Ring Magnet): Pole length must be constant (4mm for AS5304, 2.4mm for AS5306). The diameter of the ring increases linearly with the number of pole pairs.
- Linear Applications (Strip Magnet): Also, the pole length is fixed (2.0mm for AS5304, 2.4mm for AS5306).
️· Resolution Calculations:
- `Resolution (steps) = Interpolation Factor (160) * Number of Pole Pairs`
- `Resolution (bits) = log(Resolution(steps)) / log(2)`
️· Maximum Speed Calculations:
- `Maximum Rotation Speed (RPM) = 300000 / Number of Pole Pairs`
- `Maximum Linear Travelling Speed (mm/s) = 5000 * Pole Pair Length`
️· Important Limits:
- DNL (Dynamic Non-Linearity): Must be less than ±½ LSB to avoid missing codes.
- Pole Length Consistency: Crucial for accurate position sensing.
- Sensor Placement: Ensure sensors are aligned with the magnet's median to ensure accuracy.
5. Key Equations & Values Summary
| Parameter | AS5304 | AS5306 |
|---|---|---|
| Interpolation Factor | 160 | 160 |
| Fixed Pole Length (Ring) | 4 mm | 2.4 mm |
| Fixed Pole Length (Strip) | 2 mm | 2.4 mm |
| Max. Rotation Speed (Rel. to # of Poles) | 300000 rpm | 300000 rpm |
| Part No. | AS5304 |
| Manufacturer | AMSCO |
| Size | 507 Kbytes |
| Pages | 31 pages |
| Description | Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection |