| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SMM150 Datasheet
# Example questions:
➢ What are the possible values for the internal voltage reference (vref) and what should be considered when selecting a value?
➢ Describe the function of the vm pin and its connection within a dc/dc converter system utilizing the smm150.
➢ What is the typical update period for the adc conversion and dac update during margin mode?
1. Core Function:
️· The SMM150 is a multi-function IC designed to monitor and margin DC/DC converters. It provides both over/under voltage monitoring *and* the ability to dynamically adjust the converter's output voltage (margining).
2. Key Features/Capabilities:
️· Voltage Monitoring: Detects overvoltage (OV) and undervoltage (UV) conditions on a DC/DC converter output.
️· Dynamic Margining: Can increase or decrease the converter output voltage through control of a trim pin on the converter. This is useful for testing system robustness under varying power conditions.
️· I²C Communication: Controlled and configured via an I²C serial interface.
️· Pin-Based Control: Also supports margin control using dedicated MUP (Margin Up) and MDN (Margin Down) pins.
️· Internal Voltage Reference: Offers a programmable internal voltage reference (VREF) of either 0.5V or 1.25V.
️· Adjustable Margin Accuracy: Provides accurate margining with ±0.75% accuracy.
️· Programmable Parameters: Several parameters, like margin accuracy, delay times, and glitch filters, can be programmed to tailor the device to specific applications.
️· ADC/DAC: Incorporates an ADC to monitor the converter output and a DAC to control the trim pin for margining.
3. Operating Modes:
️· UV/OV Monitoring Mode: Monitors the converter output voltage and flags faults.
️· Supply Margining Mode: Adjusts the converter output voltage up or down.
4. Power Supply:
️· Operates from a 2.7V to 5.5V supply.
5. Key Specifications (from datasheet):
️· I²C Clock Frequency: Up to 100kHz
️· Margin Accuracy: ±0.75%
️· VREF Accuracy: ±0.8%
️· ADC Conversion Period: 1.8ms
️· Programmable Margin Delay Times: 2.5ms, 5ms, 10ms, 17.5ms
6. Application Focus:
️· Suitable for applications requiring robust power management and testing, such as:
- Server power supplies
- Networking equipment
- Industrial power systems
- Telecommunications infrastructure
7. Important Considerations:
️· Filtering: The datasheet emphasizes the importance of filtering noise from the DC/DC converter from the SMM150's VDD pin.
️· Programming: The device is highly configurable via I²C, so understanding the register map and programming procedures is crucial.
In essence, the SMM150 is a flexible and accurate power management IC that provides both monitoring and control over DC/DC converters. It's designed to enhance system reliability and allow for thorough testing of power supply performance.
1. Core Function:
️· The SMM150 is a multi-function IC designed to monitor and margin DC/DC converters. It provides both over/under voltage monitoring *and* the ability to dynamically adjust the converter's output voltage (margining).
2. Key Features/Capabilities:
️· Voltage Monitoring: Detects overvoltage (OV) and undervoltage (UV) conditions on a DC/DC converter output.
️· Dynamic Margining: Can increase or decrease the converter output voltage through control of a trim pin on the converter. This is useful for testing system robustness under varying power conditions.
️· I²C Communication: Controlled and configured via an I²C serial interface.
️· Pin-Based Control: Also supports margin control using dedicated MUP (Margin Up) and MDN (Margin Down) pins.
️· Internal Voltage Reference: Offers a programmable internal voltage reference (VREF) of either 0.5V or 1.25V.
️· Adjustable Margin Accuracy: Provides accurate margining with ±0.75% accuracy.
️· Programmable Parameters: Several parameters, like margin accuracy, delay times, and glitch filters, can be programmed to tailor the device to specific applications.
️· ADC/DAC: Incorporates an ADC to monitor the converter output and a DAC to control the trim pin for margining.
3. Operating Modes:
️· UV/OV Monitoring Mode: Monitors the converter output voltage and flags faults.
️· Supply Margining Mode: Adjusts the converter output voltage up or down.
4. Power Supply:
️· Operates from a 2.7V to 5.5V supply.
5. Key Specifications (from datasheet):
️· I²C Clock Frequency: Up to 100kHz
️· Margin Accuracy: ±0.75%
️· VREF Accuracy: ±0.8%
️· ADC Conversion Period: 1.8ms
️· Programmable Margin Delay Times: 2.5ms, 5ms, 10ms, 17.5ms
6. Application Focus:
️· Suitable for applications requiring robust power management and testing, such as:
- Server power supplies
- Networking equipment
- Industrial power systems
- Telecommunications infrastructure
7. Important Considerations:
️· Filtering: The datasheet emphasizes the importance of filtering noise from the DC/DC converter from the SMM150's VDD pin.
️· Programming: The device is highly configurable via I²C, so understanding the register map and programming procedures is crucial.
In essence, the SMM150 is a flexible and accurate power management IC that provides both monitoring and control over DC/DC converters. It's designed to enhance system reliability and allow for thorough testing of power supply performance.
| Part No. | SMM150 |
| Manufacturer | SUMMIT |
| Size | 382 Kbytes |
| Pages | 22 pages |
| Description | Single-Channel Supply Voltage Marginer/Monitor |