| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 1138377 Datasheet
# Example questions:
➢ What are the dimensions of the panel pc when using the 7-inch display?
➢ What type of network connections are available on this panel pc, and what are their speeds?
➢ What is the typical brightness of the display in cd/m²?
# Panel PC - BL2 PPC 1200 (1138377)
## Product Overview
️· IP65 Panel PC with 7 or 10-inch screen
️· Processor: Intel® Celeron® N3350
️· RAM: 4 GB
️· Operating System: Windows 10 IoT Enterprise LTSC 2019
## Technical Specifications
️· Display:
- 7” or 10” TFT
- Resolutions: 1024x600 (7”), 1200x800 (10”)
- Touch: Projective Capacitive (PCAP)
- Brightness: 300 cd/m²
️· Storage: Configurable mSATA SSD
️· Cooling: Passive
️· Battery: 5 year life (typical)
️· Real-time Clock: Battery-backed
## Interfaces
️· 1x COM (RS-232)
️· 1x USB 2.0
️· 2x USB 3.0
️· Optional: 2x COM (RS-232/422/485)
️· 1x HDMI
️· 2x Ethernet (10/100/1000 Mbps)
## Dimensions
️· 7" Display: 196 mm x 134 mm x 48 mm
- Panel Cutout: 186 mm x 124 mm
️· 10" Display: 266 mm x 184 mm x 48 mm
- Panel Cutout: 229 mm x 155 mm
## Environmental Conditions
️· Degree of Protection: IP65 (front), IP20 (back)
️· Operating Temperature: -5 °C ... 50 °C
️· Storage/Transport Temperature: -20 °C ... 70 °C
️· Shock: 20g, 11 ms (IEC 60068-2-27)
## Mounting
️· Panel Cutout
️· VESA Mount
## Approvals
️· IECEE CB Scheme
️· EAC
️· UL Listed
️· cUL Listed
## Accessories
️· Visu+ IPC Upgrade (1310994) - for existing Phoenix Contact IPC systems.
# Panel PC - BL2 PPC 1200 (1138377)
## Product Overview
️· IP65 Panel PC with 7 or 10-inch screen
️· Processor: Intel® Celeron® N3350
️· RAM: 4 GB
️· Operating System: Windows 10 IoT Enterprise LTSC 2019
## Technical Specifications
️· Display:
- 7” or 10” TFT
- Resolutions: 1024x600 (7”), 1200x800 (10”)
- Touch: Projective Capacitive (PCAP)
- Brightness: 300 cd/m²
️· Storage: Configurable mSATA SSD
️· Cooling: Passive
️· Battery: 5 year life (typical)
️· Real-time Clock: Battery-backed
## Interfaces
️· 1x COM (RS-232)
️· 1x USB 2.0
️· 2x USB 3.0
️· Optional: 2x COM (RS-232/422/485)
️· 1x HDMI
️· 2x Ethernet (10/100/1000 Mbps)
## Dimensions
️· 7" Display: 196 mm x 134 mm x 48 mm
- Panel Cutout: 186 mm x 124 mm
️· 10" Display: 266 mm x 184 mm x 48 mm
- Panel Cutout: 229 mm x 155 mm
## Environmental Conditions
️· Degree of Protection: IP65 (front), IP20 (back)
️· Operating Temperature: -5 °C ... 50 °C
️· Storage/Transport Temperature: -20 °C ... 70 °C
️· Shock: 20g, 11 ms (IEC 60068-2-27)
## Mounting
️· Panel Cutout
️· VESA Mount
## Approvals
️· IECEE CB Scheme
️· EAC
️· UL Listed
️· cUL Listed
## Accessories
️· Visu+ IPC Upgrade (1310994) - for existing Phoenix Contact IPC systems.
| Part No. | 1138377 |
| Manufacturer | PHOENIX |
| Size | 206 Kbytes |
| Pages | 7 pages |
| Description | Panel PC - BL2 PPC 1200 |