| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CSM260B Datasheet
# Example questions:
➢ What is the maximum average forward rectified current this rectifier can handle when mounted with an 8.0mm² land area and a case temperature of 75°c?
➢ Which flammability classification does the plastic package of this device have according to underwriters laboratory standards?
➢ How does the junction temperature affect the maximum dc reverse current at rated dc blocking voltage?
# CSM260B / S-CSM260B - Schottky Barrier Rectifiers
## Features
️· RoHS and Halogen Free compliant.
️· S-prefix for automotive applications; AEC-Q101 qualified, PPAP capable.
️· 94V-0 flammability rated plastic package.
️· Low power loss, high efficiency.
️· Suitable for inverters, free wheeling, polarity protection.
️· 260°C/10 seconds high temperature soldering.
️· Weight: 0.088g
## Ordering Information
| Device | Marking | Shipping |
|---|---|---|
| CSM260B | S26 | 3500/Tape&Reel |
| S-CSM260B | S26 | 3500/Tape&Reel |
# CSM260B / S-CSM260B - Schottky Barrier Rectifiers
## Features
️· RoHS and Halogen Free compliant.
️· S-prefix for automotive applications; AEC-Q101 qualified, PPAP capable.
️· 94V-0 flammability rated plastic package.
️· Low power loss, high efficiency.
️· Suitable for inverters, free wheeling, polarity protection.
️· 260°C/10 seconds high temperature soldering.
️· Weight: 0.088g
## Ordering Information
| Device | Marking | Shipping |
|---|---|---|
| CSM260B | S26 | 3500/Tape&Reel |
| S-CSM260B | S26 | 3500/Tape&Reel |
| Part No. | CSM260B |
| Manufacturer | LRC |
| Size | 428 Kbytes |
| Pages | 4 pages |
| Description | Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A |