Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SF1DDF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SF1DDF Datasheet

  • # Example questions: ➢ What does the datasheet state regarding the use of diodes incorporated products in life support systems?
    ➢ What is the typical thermal resistance junction to terminal (rθjt) value?
    ➢ What is the maximum instantaneous forward voltage (vf) for the sf1ddf diode?

  • Part No.SF1DDF
    ManufacturerDIODES
    Size483 Kbytes
    Pages5 pages
    Description1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
    Datasheet Summary with AI

    1. Product Overview:

    ️· Product: SF1DDF-SF1JDF Series Schottky Diodes
    ️· Function: These are fast-switching Schottky diodes, designed for use in various applications.
    ️· Manufacturer: Diodes Incorporated
    ️· Important Note: The datasheet contains a disclaimer regarding liability, unauthorized use, and a specific prohibition against using these diodes in life support systems without prior approval.

    2. Key Features & Specifications:

    ️· Voltage Ratings: (Not explicitly stated, but inferred from the "Maximum Instantaneous Forward Voltage")
    - SF1DDF: 0.98V
    - SF1JDF: 1.7V
    ️· Current Ratings:
    - IO (Continuous Forward Current): 1.0A
    ️· Surge Current: IFSM (Non-Repetitive Peak Forward Surge Current) = 30A (for all models in the series)
    ️· Reverse Recovery Time (tRR): 35ns (for all models)
    ️· Forward Voltage (VF): 0.98V (SF1DDF) to 1.7V (SF1JDF) at 1A
    ️· Reverse Leakage Current (IR): 5µA @ 25°C, 100µA @ 100°C
    ️· Typical Thermal Resistance (RθJT): ~36 °C/W
    ️· Typical Thermal Resistance (RθJA): ~87 °C/W
    ️· Operating/Storage Temperature: -55°C to +150°C

    3. Application Areas (Implied):

    ️· The datasheet doesn's specify applications, but Schottky diodes are commonly used in:
    - Switching power supplies
    - DC-DC converters
    - RF detectors
    - Blocking diodes
    - Protection diodes

    4. Package Information:

    ️· Package Type: D-FLAT
    ️· Dimensions (in mm): The datasheet provides detailed dimensions for the D-FLAT package, including dimensions "A", "b", "c", "D", "E", "k", "H", "E" and "L". It also includes suggested pad layout dimensions (X, X1, Y, etc.).

    5. Important Legal and Safety Notices:

    ️· Disclaimer: Diodes Incorporated disclaims all liability for any damages arising from the use of these diodes.
    ️· Unauthorized Use: The diodes should not be used for any unauthorized applications.
    ️· Life Support Systems: These diodes are *not* approved for use in life-critical medical devices without explicit written consent from Diodes Incorporated’s CEO.

    6. Datasheet Resources:

    ️· The datasheet directs users to the website `www.diodes.com` for more information including package outlines.



    In short, the SF1DDF-SF1JDF series are fast-switching Schottky diodes with a variety of voltage and current ratings, designed for a wide range of electronic applications but with crucial legal and safety limitations.

    1. Product Overview:

    ️· Product: SF1DDF-SF1JDF Series Schottky Diodes
    ️· Function: These are fast-switching Schottky diodes, designed for use in various applications.
    ️· Manufacturer: Diodes Incorporated
    ️· Important Note: The datasheet contains a disclaimer regarding liability, unauthorized use, and a specific prohibition against using these diodes in life support systems without prior approval.

    2. Key Features & Specifications:

    ️· Voltage Ratings: (Not explicitly stated, but inferred from the "Maximum Instantaneous Forward Voltage")
    - SF1DDF: 0.98V
    - SF1JDF: 1.7V
    ️· Current Ratings:
    - IO (Continuous Forward Current): 1.0A
    ️· Surge Current: IFSM (Non-Repetitive Peak Forward Surge Current) = 30A (for all models in the series)
    ️· Reverse Recovery Time (tRR): 35ns (for all models)
    ️· Forward Voltage (VF): 0.98V (SF1DDF) to 1.7V (SF1JDF) at 1A
    ️· Reverse Leakage Current (IR): 5µA @ 25°C, 100µA @ 100°C
    ️· Typical Thermal Resistance (RθJT): ~36 °C/W
    ️· Typical Thermal Resistance (RθJA): ~87 °C/W
    ️· Operating/Storage Temperature: -55°C to +150°C

    3. Application Areas (Implied):

    ️· The datasheet doesn's specify applications, but Schottky diodes are commonly used in:
    - Switching power supplies
    - DC-DC converters
    - RF detectors
    - Blocking diodes
    - Protection diodes

    4. Package Information:

    ️· Package Type: D-FLAT
    ️· Dimensions (in mm): The datasheet provides detailed dimensions for the D-FLAT package, including dimensions "A", "b", "c", "D", "E", "k", "H", "E" and "L". It also includes suggested pad layout dimensions (X, X1, Y, etc.).

    5. Important Legal and Safety Notices:

    ️· Disclaimer: Diodes Incorporated disclaims all liability for any damages arising from the use of these diodes.
    ️· Unauthorized Use: The diodes should not be used for any unauthorized applications.
    ️· Life Support Systems: These diodes are *not* approved for use in life-critical medical devices without explicit written consent from Diodes Incorporated’s CEO.

    6. Datasheet Resources:

    ️· The datasheet directs users to the website `www.diodes.com` for more information including package outlines.



    In short, the SF1DDF-SF1JDF series are fast-switching Schottky diodes with a variety of voltage and current ratings, designed for a wide range of electronic applications but with crucial legal and safety limitations.

    Part No.SF1DDF
    ManufacturerDIODES
    Size483 Kbytes
    Pages5 pages
    Description1.0A SURFACE MOUNT SUPER-FAST RECTIFIER