Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BLW98 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BLW98 Datasheet

  • # Example questions: ➢ What is the absolute maximum rating system referenced in the 'definitions' section, and what does it indicate about operating the device beyond its specified limits?
    ➢ What type of mounting threads are specified for the stud connections?
    ➢ What is the typical collector current (ic) used in the performance graphs (figs. 11, 12, 13, and 14) and what is the corresponding collector-emitter voltage (vce)?

  • Part No.BLW98
    ManufacturerPHILIPS
    Size80 Kbytes
    Pages13 pages
    DescriptionUHF linear power transistor
    Datasheet Summary with AI

    Okay, here's a summary of the provided document, a Philips datasheet for the BLW98 UHF linear power transistor. I'll break it down into key areas:

    1. Device Overview:

    ️· Type: UHF Linear Power Transistor. Designed for applications requiring a linear amplifier.
    ️· Package: Studded Ceramic Package (SOT122A).

    2. Key Characteristics & Performance:

    ️· Frequency: Optimized for operation around 860 MHz (though performance data is given across a broader frequency range).
    ️· Class of Operation: Designed for Class-A operation.
    ️· Power Output: Specifies performance (distortion, gain, etc.) at various power levels (Po sync).
    ️· Gain: Offers substantial gain at UHF frequencies.
    ️· Distortion: Data provided on both intermodulation distortion (IMD) and cross-modulation distortion, indicating linearity.
    ️· Impedance: Input and load impedance data is given, helping with matching networks.

    3. Important Parameters & Data Provided:

    ️· Limiting Values: Absolute maximum ratings for voltage, current, power dissipation, etc. These *must* be respected to prevent device failure.
    ️· Electrical Characteristics: Detailed performance data (gain, impedance, distortion) graphed and tabulated at specific conditions (voltage, current, temperature).

    ️· Thermal Resistance: Data to help design for proper heat dissipation.
    * **Package Outline:** Dimensions and details of the SOT122A package.

    **4. Application Notes & Warnings:**

    * **Life Support:** Explicit disclaimer that this device *is not* intended for use in life-support applications.
    * **Data Sheet Status:** This document is a “Product Specification” indicating that it contains final product specifications.
    * **Definitions**: Explains what the different data sheet sections mean.



    **In essence, this datasheet provides a comprehensive specification for the BLW98, enabling engineers to design circuits utilizing this transistor for UHF linear amplification. It emphasizes performance characteristics, absolute maximum ratings, and important safety warnings.**

    Is there anything specific you'd like me to elaborate on or any specific piece of information you're looking for within this document?

    1. Device Overview:

    ️· Type: UHF Linear Power Transistor. Designed for applications requiring a linear amplifier.
    ️· Package: Studded Ceramic Package (SOT122A).

    2. Key Characteristics & Performance:

    ️· Frequency: Optimized for operation around 860 MHz (though performance data is given across a broader frequency range).
    ️· Class of Operation: Designed for Class-A operation.
    ️· Power Output: Specifies performance (distortion, gain, etc.) at various power levels (Po sync).
    ️· Gain: Offers substantial gain at UHF frequencies.
    ️· Distortion: Data provided on both intermodulation distortion (IMD) and cross-modulation distortion, indicating linearity.
    ️· Impedance: Input and load impedance data is given, helping with matching networks.

    3. Important Parameters & Data Provided:

    ️· Limiting Values: Absolute maximum ratings for voltage, current, power dissipation, etc. These *must* be respected to prevent device failure.
    ️· Electrical Characteristics: Detailed performance data (gain, impedance, distortion) graphed and tabulated at specific conditions (voltage, current, temperature).

    Part No.BLW98
    ManufacturerPHILIPS
    Size80 Kbytes
    Pages13 pages
    DescriptionUHF linear power transistor