| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PS-8651-2_V01 Datasheet
# Example questions:
➢ How does the ambient temperature affect the maximum operating altitude of this power supply?
➢ What protections are in place to prevent damage from a short circuit on the +12v output?
➢ What is the maximum allowable leakage current at 240vac input?
# PC Power Supply ATX Series
## Electrical Specifications
️· Model: PS-8651-2
️· Rated Power: 650W
️· Input Voltage: 100-240Vac (90-264Vac operating range)
️· Outputs:
- 12V1: 14.5A
- 12V2: 18.5A
- 12V3: 15A
- 12V4: 15A
- 5V: 15A
- 3.3V: 8A
- 5Vsb: 4A
️· Efficiency: 87%-90%-87% (at 20%-50%-100% load)
️· Protection: Over voltage, over current, short circuit, over temperature.
## Mechanical Specifications
️· Dimensions: 150.0(L) x 140.0(W) x 86.0(H) mm
️· Weight: 1.5 kg
️· Operating Altitude: Up to 5000 meters
️· Standard: IEC/EN 60950-1, K60950-1, IEC/EN 62368-1, CNS14336-1
## Features
️· ATX 2.54 Compliant
️· Smart Fan Silence Mode
️· REM\_ON/OFF and PWR\_OK signal support
# PC Power Supply ATX Series
## Electrical Specifications
️· Model: PS-8651-2
️· Rated Power: 650W
️· Input Voltage: 100-240Vac (90-264Vac operating range)
️· Outputs:
- 12V1: 14.5A
- 12V2: 18.5A
- 12V3: 15A
- 12V4: 15A
- 5V: 15A
- 3.3V: 8A
- 5Vsb: 4A
️· Efficiency: 87%-90%-87% (at 20%-50%-100% load)
️· Protection: Over voltage, over current, short circuit, over temperature.
## Mechanical Specifications
️· Dimensions: 150.0(L) x 140.0(W) x 86.0(H) mm
️· Weight: 1.5 kg
️· Operating Altitude: Up to 5000 meters
️· Standard: IEC/EN 60950-1, K60950-1, IEC/EN 62368-1, CNS14336-1
## Features
️· ATX 2.54 Compliant
️· Smart Fan Silence Mode
️· REM\_ON/OFF and PWR\_OK signal support
| Part No. | PS-8651-2_V01 |
| Manufacturer | LITEON |
| Size | 417 Kbytes |
| Pages | 3 pages |
| Description | PC Power Supply ATX Series |