| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LP2902 Datasheet
# Example questions:
➢ What does ti define as a 'green' component in terms of rohs compliance and other materials?
➢ What are the full-range temperature limits for the lp324 and lp2902?
➢ What are the moisture sensitivity level (msl) and peak temperature considerations for these packages?
# LP324/LP2902 Operational Amplifiers
## Features
️· Low Power: 85 µA typical supply current.
️· Low Offset: 2 mV typical input offset voltage.
️· Wide Supply Range: 3V < VCC < 32V.
️· Input Common Mode: Includes GND.
️· Compatibility: Pin-compatible with LM324.
️· Applications: LCD displays, portable instrumentation, sensor/metering, consumer electronics, and power supplies.
## Electrical Characteristics
️· Input Offset Voltage (VIO): 2mV (typical)
️· Input Bias Current (IIB): 2 nA (typical)
️· Supply Current (ICC): 85 µA (typical)
️· Gain Bandwidth Product (GBW): 100 kHz
️· Slew Rate (SR): 50 V/ms
## Package Options
️· PDIP (N)
️· SOIC (D)
️· TSSOP (PW)
## Absolute Maximum Ratings
️· Supply Voltage: ±16V or 32V
️· Operating Temperature: -65°C to 150°C (depending on package)
️· Storage Temperature: -65°C to 150°C
## Ordering Information
Multiple package and temperature grade options are available. Refer to the datasheet for detailed ordering numbers and markings.
# LP324/LP2902 Operational Amplifiers
## Features
️· Low Power: 85 µA typical supply current.
️· Low Offset: 2 mV typical input offset voltage.
️· Wide Supply Range: 3V < VCC < 32V.
️· Input Common Mode: Includes GND.
️· Compatibility: Pin-compatible with LM324.
️· Applications: LCD displays, portable instrumentation, sensor/metering, consumer electronics, and power supplies.
## Electrical Characteristics
️· Input Offset Voltage (VIO): 2mV (typical)
️· Input Bias Current (IIB): 2 nA (typical)
️· Supply Current (ICC): 85 µA (typical)
️· Gain Bandwidth Product (GBW): 100 kHz
️· Slew Rate (SR): 50 V/ms
## Package Options
️· PDIP (N)
️· SOIC (D)
️· TSSOP (PW)
## Absolute Maximum Ratings
️· Supply Voltage: ±16V or 32V
️· Operating Temperature: -65°C to 150°C (depending on package)
️· Storage Temperature: -65°C to 150°C
## Ordering Information
Multiple package and temperature grade options are available. Refer to the datasheet for detailed ordering numbers and markings.
| Part No. | LP2902 |
| Manufacturer | TI |
| Size | 240 Kbytes |
| Pages | 9 pages |
| Description | ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS |