Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MURS140 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MURS140_1 Datasheet

  • # Example questions: ➢ What is the typical junction capacitance (cj) of the murs140 and murs160 diodes?
    ➢ What is the significance of adding a '-f' suffix to the part number (e.g., murs140-13-f)?
    ➢ What is the maximum average rectified output current for both diodes when the junction temperature (tt) is 150°c?

  • Part No.MURS140_1
    ManufacturerDIODES
    Size108 Kbytes
    Pages3 pages
    Description1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
    Datasheet Summary with AI

    1. General Description:

    ️· The MURS140 and MURS160 are switching diodes designed for low-voltage applications. They are part of the Diodes Incorporated product line.

    2. Key Features & Specifications (Comparing MURS140 vs. MURS160):

    Feature MURS140 MURS160
    Peak Repetitive Reverse Voltage (VRRM) 400 V 600 V
    RMS Reverse Voltage (VR(RMS)) 283 V 424 V
    Average Rectified Output Current (IO) @ 150°C 1.0 A 1.0 A
    Average Rectified Output Current (IO) @ 125°C 2.0 A 2.0 A
    Non-Repetitive Peak Forward Surge Current (IFSM) 35 A 35 A
    Forward Voltage (VFM) @ 25°C 1.25 V 1.25 V
    Forward Voltage (VFM) @ 150°C 1.05V 1.05V
    Peak Reverse Current (IRM) @ 25°C 5.0 A 5.0 A
    Peak Reverse Current (IRM) @ 150°C 150 A 150 A
    Reverse Recovery Time (trr) 50 ns 50 ns
    Junction Capacitance (Cj) 45 pF 45 pF
    Thermal Resistance (RθJA) 13 K/W 13 K/W
    Operating/Storage Temperature Range -65°C to +175°C -65°C to +175°C

    3. Ordering Information:

    ️· MURS140-13: SMB package, 5000 units per reel.
    ️· MURS160-13: SMB package, 5000 units per reel.
    ️· For RoHS compliant versions, add "-F" to the part number (e.g., MURS140-13-F).

    4. Marking:

    ️· Marking includes a product type code, manufacturer's code, and a date code (year and week).

    5. Important Notes/Compliance:

    ️· RoHS compliant, subject to exemptions for glass and high-temperature solder. Reference the provided EU Directive Annex notes.
    ️· Thermal resistance values are based on a specific PCB mounting configuration (5mm copper pads).

    In simple terms: The MURS160 is a more robust version of the MURS140, with a higher voltage rating (600V vs 400V). All other key specifications remain the same.

    1. General Description:

    ️· The MURS140 and MURS160 are switching diodes designed for low-voltage applications. They are part of the Diodes Incorporated product line.

    2. Key Features & Specifications (Comparing MURS140 vs. MURS160):

    Feature MURS140 MURS160
    Peak Repetitive Reverse Voltage (VRRM) 400 V 600 V
    RMS Reverse Voltage (VR(RMS)) 283 V 424 V
    Average Rectified Output Current (IO) @ 150°C 1.0 A 1.0 A
    Average Rectified Output Current (IO) @ 125°C 2.0 A 2.0 A
    Non-Repetitive Peak Forward Surge Current (IFSM) 35 A 35 A
    Forward Voltage (VFM) @ 25°C 1.25 V 1.25 V
    Forward Voltage (VFM) @ 150°C 1.05V 1.05V
    Peak Reverse Current (IRM) @ 25°C 5.0 A 5.0 A
    Peak Reverse Current (IRM) @ 150°C 150 A 150 A
    Reverse Recovery Time (trr) 50 ns 50 ns
    Junction Capacitance (Cj) 45 pF 45 pF
    Thermal Resistance (RθJA) 13 K/W 13 K/W
    Operating/Storage Temperature Range -65°C to +175°C -65°C to +175°C

    3. Ordering Information:

    ️· MURS140-13: SMB package, 5000 units per reel.
    ️· MURS160-13: SMB package, 5000 units per reel.
    ️· For RoHS compliant versions, add "-F" to the part number (e.g., MURS140-13-F).

    4. Marking:

    ️· Marking includes a product type code, manufacturer's code, and a date code (year and week).

    5. Important Notes/Compliance:

    ️· RoHS compliant, subject to exemptions for glass and high-temperature solder. Reference the provided EU Directive Annex notes.
    ️· Thermal resistance values are based on a specific PCB mounting configuration (5mm copper pads).

    In simple terms: The MURS160 is a more robust version of the MURS140, with a higher voltage rating (600V vs 400V). All other key specifications remain the same.

    Part No.MURS140_1
    ManufacturerDIODES
    Size108 Kbytes
    Pages3 pages
    Description1.0A SURFACE MOUNT SUPER-FAST RECTIFIER