| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about B3717 Datasheet
# Example questions:
➢ What should customers do to verify the suitability of an epcos product for their specific application?
➢ What is the center frequency of the b3717 filter, and what is the typical maximum insertion attenuation at that frequency?
➢ What is the specified operating temperature range for the b3717 filter, and what source/load impedance is it designed for?
1. Product Identification & Overview:
️· Product: SAW (Surface Acoustic Wave) Filter
️· Type: B3717
️· Frequency Range: Designed for 866.50 MHz
️· Manufacturer: EPCOS AG
2. Key Specifications & Characteristics:
️· Operating Temperature: -40°C to +85°C
️· Source Impedance: 50 Ohms
️· Load Impedance: 50 Ohms
️· Center Frequency (fC): 866.50 MHz
️· Maximum Insertion Attenuation (αmax):
- 865.00 - 868.00 MHz: 2.1 - 2.9
- 863.00 - 870.00 MHz: 2.2 - 3.8
️· Amplitude Ripple (∆α):
- 865.00 - 868.00 MHz: 0.1
- 863.00 - 870.00 MHz: 0.2
️· Attenuation (α):
- 10.00 - 830.00 MHz: 44 dB
- 830.00 - 845.00 MHz: 40 dB
- 880.00 - 884.00 MHz: 38 dB
- 884.00 - 887.00 MHz: 54 dB
- 887.00 - 965.00 MHz: 52 dB
- 965.00 - 1500.00 MHz: 45 dB
3. Electrical Ratings & Power:
️· DC Voltage: 0 V
️· Source Power (PS): 13 dBm (with 50 Ohm impedance)
4. Packaging and Ordering Information:
️· Ordering Code: B39871B3717U410
️· Marking: C61157-A7-A67
️· Packaging: F61074-V8168-Z000
️· Date Codes: L_1126
️· S-Parameter Files: B3717\_SB.s2p & B3717\_WB.s2p
️· Soldering Profile: S\_6001
5. Regulatory Compliance:
️· RoHS Compliant: Complies with the European Directive 2002/95/EC (Restriction of Hazardous Substances) and amendment 2005/618/EC.
6. Important Notes & Disclaimers:
️· Application Suitability: EPCOS doesn't guarantee suitability for every application. Customers should test thoroughly.
️· Product Changes: Specifications are subject to change without notice.
️· Safety & Reliability: In critical applications, redundancy or protective circuitry is recommended.
️· Hazardous Substances: The product may contain substances regulated by law. Consult the Material Data Sheet for details.
1. Product Identification & Overview:
️· Product: SAW (Surface Acoustic Wave) Filter
️· Type: B3717
️· Frequency Range: Designed for 866.50 MHz
️· Manufacturer: EPCOS AG
2. Key Specifications & Characteristics:
️· Operating Temperature: -40°C to +85°C
️· Source Impedance: 50 Ohms
️· Load Impedance: 50 Ohms
️· Center Frequency (fC): 866.50 MHz
️· Maximum Insertion Attenuation (αmax):
- 865.00 - 868.00 MHz: 2.1 - 2.9
- 863.00 - 870.00 MHz: 2.2 - 3.8
️· Amplitude Ripple (∆α):
- 865.00 - 868.00 MHz: 0.1
- 863.00 - 870.00 MHz: 0.2
️· Attenuation (α):
- 10.00 - 830.00 MHz: 44 dB
- 830.00 - 845.00 MHz: 40 dB
- 880.00 - 884.00 MHz: 38 dB
- 884.00 - 887.00 MHz: 54 dB
- 887.00 - 965.00 MHz: 52 dB
- 965.00 - 1500.00 MHz: 45 dB
3. Electrical Ratings & Power:
️· DC Voltage: 0 V
️· Source Power (PS): 13 dBm (with 50 Ohm impedance)
4. Packaging and Ordering Information:
️· Ordering Code: B39871B3717U410
️· Marking: C61157-A7-A67
️· Packaging: F61074-V8168-Z000
️· Date Codes: L_1126
️· S-Parameter Files: B3717\_SB.s2p & B3717\_WB.s2p
️· Soldering Profile: S\_6001
5. Regulatory Compliance:
️· RoHS Compliant: Complies with the European Directive 2002/95/EC (Restriction of Hazardous Substances) and amendment 2005/618/EC.
6. Important Notes & Disclaimers:
️· Application Suitability: EPCOS doesn't guarantee suitability for every application. Customers should test thoroughly.
️· Product Changes: Specifications are subject to change without notice.
️· Safety & Reliability: In critical applications, redundancy or protective circuitry is recommended.
️· Hazardous Substances: The product may contain substances regulated by law. Consult the Material Data Sheet for details.
| Part No. | B3717 |
| Manufacturer | EPCOS |
| Size | 51 Kbytes |
| Pages | 7 pages |
| Description | SAW Components SAW filter 866.50 MHz |