Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSR4010N Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SSR4010N Datasheet

  • # Example questions: ➢ Which package options are available for the ssr4010, and what is the difference between the to-258 and to-259 packages regarding lead diameter?
    ➢ What is the maximum allowable operating junction temperature for the ssr4010n and ssr4010p?
    ➢ How does the instantaneous forward voltage drop (vf) change as the forward current (if) increases from 10a to 40a at a temperature of 25°c?

  • Part No.SSR4010N
    ManufacturerSSDI
    Size174 Kbytes
    Pages2 pages
    Description40 AMP 100 VOLTS SCHOTTKY RECTIFIER
    Datasheet Summary with AI

    # SSR4010N / SSR4010P Schottky Rectifier

    ## Features
    · PIV: 100V
    · Low Forward Voltage Drop
    · Low Reverse Leakage Current
    · Isolated Hermetically Sealed Package
    · Ceramic Seals Available
    · Custom Lead Forming Available
    · Guard Ring for Overvoltage Protection
    · Operating Junction Temperature: 175°C
    · Screening Options: TX, TXV, Space Level

    ## Electrical Characteristics
    · Instantaneous Forward Voltage Drop (IF = 10A, 25°C): 0.7 Vdc
    · Instantaneous Forward Voltage Drop (IF = 20A, 25°C): 0.77 Vdc
    · Instantaneous Forward Voltage Drop (IF = 40A, 25°C): 0.90 Vdc
    · Reverse Leakage Current (Rated VR, 25°C): 400 µA
    · Reverse Leakage Current (Rated VR, 100°C): 20 mA
    · Junction Capacitance (VR = 10V, 1MHz): 1600 pF


    ## Maximum Ratings
    · Peak Repetitive Reverse Voltage: 100V
    · Average Rectified Output Current (TA=25°C): 40A
    · Peak Surge Current: 400A
    · Operating/Storage Temperature: -65 to +175°C
    · Thermal Resistance (Junction to Case): 0.6 °C/W

    ## Package Options
    · TO-258 (N Suffix)
    · TO-259 (P Suffix)
    · Lead Options: Straight, Bent Down (ND, PD), Bent Up (NU, PU)
    · Pinout: Pin 1: Cathode, Pin 2: Anode, Pin 3: Anode

    # SSR4010N / SSR4010P Schottky Rectifier

    ## Features
    · PIV: 100V
    · Low Forward Voltage Drop
    · Low Reverse Leakage Current
    · Isolated Hermetically Sealed Package
    · Ceramic Seals Available
    · Custom Lead Forming Available
    · Guard Ring for Overvoltage Protection
    · Operating Junction Temperature: 175°C
    · Screening Options: TX, TXV, Space Level

    ## Electrical Characteristics
    · Instantaneous Forward Voltage Drop (IF = 10A, 25°C): 0.7 Vdc
    · Instantaneous Forward Voltage Drop (IF = 20A, 25°C): 0.77 Vdc
    · Instantaneous Forward Voltage Drop (IF = 40A, 25°C): 0.90 Vdc
    · Reverse Leakage Current (Rated VR, 25°C): 400 µA
    · Reverse Leakage Current (Rated VR, 100°C): 20 mA
    · Junction Capacitance (VR = 10V, 1MHz): 1600 pF

    ## Maximum Ratings
    · Peak Repetitive Reverse Voltage: 100V
    · Average Rectified Output Current (TA=25°C): 40A
    · Peak Surge Current: 400A
    · Operating/Storage Temperature: -65 to +175°C
    · Thermal Resistance (Junction to Case): 0.6 °C/W

    ## Package Options
    · TO-258 (N Suffix)
    · TO-259 (P Suffix)
    · Lead Options: Straight, Bent Down (ND, PD), Bent Up (NU, PU)
    · Pinout: Pin 1: Cathode, Pin 2: Anode, Pin 3: Anode

    Part No.SSR4010N
    ManufacturerSSDI
    Size174 Kbytes
    Pages2 pages
    Description40 AMP 100 VOLTS SCHOTTKY RECTIFIER