| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about B65621-J-R26 Datasheet
# Example questions:
➢ What is the maximum operating temperature for the coil former material, and what insulation class does it adhere to?
➢ How does the 'σ l/a = 0,257 h/turn' value relate to the core's magnetic properties and what is its unit?
➢ Considering the available ordering codes for the b65623-a1 mounting assembly, what components are included within the complete set?
# P 41 x 25 Cores
## Product Withdrawal
️· Products presented in this datasheet are being withdrawn.
️· Ordering Code: B65621J0000R026
Substitute Product: B65621J0000R048
Withdrawal Date: 2002-08-02
Last Order Deadline: 2002-12-31
Last Shipments: 2003-03-31
️· Contact EPCOS sales for substitutes.
## Core Characteristics (B65621)
️· Magnetic characteristics (per set):
- Σ _l/A_: 0,257 mm–1
- _l_e: 63.0 mm
- _s_: Approx. 1.7mm
- µe: Varies
️· Materials:
- Gapped: Various AL values
- Ungapped: AL value of 8400
️· Coil Former:
- Material: GFR polycarbonate (UL 94 V-0)
- Max Operating Temperature: 120 °C
## Accessories (B65622, B65623)
️· B65622 Coil Former:
- Sections: AN (mm²)
- L (mm)
- R (µΩ)
️· B65623 Mounting Assembly:
- Comprises: Yoke and base plate.
- Fixing: Screws or rivets
- Yoke Material: Nickel Silver (0.5mm)
- Complete Assembly Ordering Code: B65623-A1
# P 41 x 25 Cores
## Product Withdrawal
️· Products presented in this datasheet are being withdrawn.
️· Ordering Code: B65621J0000R026
Substitute Product: B65621J0000R048
Withdrawal Date: 2002-08-02
Last Order Deadline: 2002-12-31
Last Shipments: 2003-03-31
️· Contact EPCOS sales for substitutes.
## Core Characteristics (B65621)
️· Magnetic characteristics (per set):
- Σ _l/A_: 0,257 mm–1
- _l_e: 63.0 mm
- _s_: Approx. 1.7mm
- µe: Varies
️· Materials:
- Gapped: Various AL values
- Ungapped: AL value of 8400
️· Coil Former:
- Material: GFR polycarbonate (UL 94 V-0)
- Max Operating Temperature: 120 °C
## Accessories (B65622, B65623)
️· B65622 Coil Former:
- Sections: AN (mm²)
- L (mm)
- R (µΩ)
️· B65623 Mounting Assembly:
- Comprises: Yoke and base plate.
- Fixing: Screws or rivets
- Yoke Material: Nickel Silver (0.5mm)
- Complete Assembly Ordering Code: B65623-A1
| Part No. | B65621-J-R26 |
| Manufacturer | EPCOS |
| Size | 110 Kbytes |
| Pages | 5 pages |
| Description | PM/P/P Cores Halves/EP/TT/PR Cores |