| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about B65933 Datasheet
# Example questions:
➢ Which ordering code should be used to obtain the coil former with a cross-sectional area of 2 mm²?
➢ What frequency range is suitable when using material n22 for this core?
➢ How does the operating temperature limit of the gfr polyterephthalate material affect the application of this component?
# Cores and Accessories (PS 7,35 × 3,6)
## Core Specifications
️· Recommended for: New designs, inductive proximity switches
️· Material Options:
- N22: Frequency range 80-800 kHz
- M33: Frequency range up to 1.6 MHz
️· Material: GFR polyterephthalate (UL 94 V-0)
- Insulation class: IEC 60085: F
- Max. operating temperature: 155°C
- Color code: Black
## Ordering Codes
️· N22: B65933-A-X22, Approx. weight: 0.3 g
️· M33: B65933-A-X33, Approx. weight: 0.3 g
## Coil Former Dimensions and Values
|A (N mm2)|l (N mm)|AR value (µΩ)|Ordering code|
|---|---|---|---|
|2.2|14.6|240|B65512-C-T1|
## Positioning Lug
️· Ordering code: B65933
## General Information
️· This replaces a previous edition.
️· Specifications define the component, not guaranteed characteristics.
️· Orders are subject to ZVEI General Conditions for supply of products and services.
️· Components may contain hazardous substances; contact Sales Offices for details.
# Cores and Accessories (PS 7,35 × 3,6)
## Core Specifications
️· Recommended for: New designs, inductive proximity switches
️· Material Options:
- N22: Frequency range 80-800 kHz
- M33: Frequency range up to 1.6 MHz
️· Material: GFR polyterephthalate (UL 94 V-0)
- Insulation class: IEC 60085: F
- Max. operating temperature: 155°C
- Color code: Black
## Ordering Codes
️· N22: B65933-A-X22, Approx. weight: 0.3 g
️· M33: B65933-A-X33, Approx. weight: 0.3 g
## Coil Former Dimensions and Values
| A (N mm2) | l (N mm) | AR value (µΩ) | Ordering code |
|---|---|---|---|
| 2.2 | 14.6 | 240 | B65512-C-T1 |
| Part No. | B65933 |
| Manufacturer | EPCOS |
| Size | 85 Kbytes |
| Pages | 2 pages |
| Description | PS 7,35 횞 3,6 Core and Accessories |