| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about B65943 Datasheet
# Example questions:
➢ What frequency range is the n22 core material specifically designed for?
➢ Which organization's recommended general conditions apply to purchase orders for these components?
➢ How high is the maximum operating temperature for the coil former material described in the datasheet?
# EPCOS Core and Accessories (B65943, B65944)
## Core Specifications
️· Recommended for: New designs, inductive proximity switches
️· Material: N22
️· Frequency Range: Approximately 30 to 300 kHz
## Coil Former Specifications
️· Material: GFR polyterephthalate (UL 94 V-0)
- Insulation Class: IEC 60085: F
- Max. Operating Temperature: 155 °C
- Color Code: Black
## Ordering Information & Dimensions (B65943)
| Parameter | Value |
|---|---|
| A N mm2 | 62 |
| l N mm | 95 |
| A value µΩ | 52.5 |
| Ordering code | B65943-A-X22 |
| Parameter | Value |
|---|---|
| Approx. weight g | 3,3 |
| A N mm2 | |
| l N mm | 20,2+0,2 |
| Ordering code | B65944-B-T1 |
# EPCOS Core and Accessories (B65943, B65944)
## Core Specifications
️· Recommended for: New designs, inductive proximity switches
️· Material: N22
️· Frequency Range: Approximately 30 to 300 kHz
## Coil Former Specifications
️· Material: GFR polyterephthalate (UL 94 V-0)
- Insulation Class: IEC 60085: F
- Max. Operating Temperature: 155 °C
- Color Code: Black
## Ordering Information & Dimensions (B65943)
| Parameter | Value |
|---|---|
| A N mm2 | 62 |
| l N mm | 95 |
| A value µΩ | 52.5 |
| Ordering code | B65943-A-X22 |
| Parameter | Value |
|---|---|
| Approx. weight g | 3,3 |
| A N mm2 | |
| l N mm | 20,2+0,2 |
| Ordering code | B65944-B-T1 |
| Part No. | B65943 |
| Manufacturer | EPCOS |
| Size | 82 Kbytes |
| Pages | 2 pages |
| Description | PS 47 횞 14,9 Core and Accessories |