Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

62PR10KLF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 62PR10KLF Datasheet

  • # Example questions: ➢ How does the operating temperature range affect the power rating of this potentiometer?
    ➢ What is the typical resistance variation expected after 1,000 hours of load life testing at 0.5 watts and 70°c?
    ➢ What is the maximum voltage that can be applied to the potentiometer without exceeding its power rating?

  • Part No.62PR10KLF
    ManufacturerBITECH
    Size56 Kbytes
    Pages3 pages
    Description1/4 Diameter Single Turn Cermet Trimming Potentiometer
    Datasheet Summary with AI

    # MODEL 62

    ## 1/4” Diameter Single Turn Cermet Trimming Potentiometer

    ELECTRICAL

    ️· Resistance Range: 10 to 1 Megohm
    ️· Resistance Tolerance: ±10% (<100 Ohms = ±20%)
    ️· Maximum Input Voltage: 200 Vdc or rms (not exceeding power rating)
    ️· Maximum Slider Current: 100mA
    ️· Power Rating: 0.5 Watts at 70°C (derates to 0 at 125°C)
    ️· Maximum End Resistance: 2 Ohms
    ️· Nominal Electrical Travel: 220°
    ️· Dielectric Strength: 600Vrms
    ️· Minimum Insulation Resistance: 100 Megohms
    ️· Resolution: Essentially infinite
    ️· Maximum Contact Resistance Variation: 1% or 1 Ohm (whichever is greater)

    ENVIRONMENTAL

    ️· Seal: 85°C Fluorinert® (no leaks)
    ️· Maximum Temperature Coefficient: ±100 ppm/°C
    ️· Operating Temperature Range: -55°C to +125°C
    ️· Shock Resistance: Withstands 100G sawtooth shock (1% ∆RT, 1% ∆VR)
    ️· Vibration Resistance: Withstands 20G vibration (1% ∆RT, 1% ∆VR)
    ️· High Temperature Exposure: 250 hours at 125°C (2% ∆RT, 2% ∆VR)
    ️· Rotational Life: 200 cycles (2% ∆RT)
    ️· Load Life: 1,000 hours at 70°C (2% ∆RT)
    ️· Resistance to Solder Heat: 260°C for 10 seconds (1% ∆RT)

    MECHANICAL

    ️· Mechanical Stops: Solid
    ️· Maximum Starting Torque: 3 oz.-in. (0.021 N-m)
    ️· Nominal Weight: 0.02 oz. (0.60 grams)

    DIMENSIONS (Example for Model 62P)

    ️· A Dimension: 0.312 ± 0.062 inches (7.92 ± 1.5762 mm)
    ️· Refer to datasheet for specific dimensions of other models

    PACKAGING

    ️· Standard: Plastic Bags (capacity: 100 units)

    ORDERING INFORMATION

    ️· Format: 62 P R 10K LF (Model Series, Pin Style, Resistance, Resistance Prefix, RoHS Compliant Code)

    NOTES

    ️· Fluorinert® is a registered trademark of 3M Company.
    ️· Specifications are subject to change.

    # MODEL 62

    ## 1/4” Diameter Single Turn Cermet Trimming Potentiometer

    ELECTRICAL

    ️· Resistance Range: 10 to 1 Megohm
    ️· Resistance Tolerance: ±10% (<100 Ohms = ±20%)
    ️· Maximum Input Voltage: 200 Vdc or rms (not exceeding power rating)
    ️· Maximum Slider Current: 100mA
    ️· Power Rating: 0.5 Watts at 70°C (derates to 0 at 125°C)
    ️· Maximum End Resistance: 2 Ohms
    ️· Nominal Electrical Travel: 220°
    ️· Dielectric Strength: 600Vrms
    ️· Minimum Insulation Resistance: 100 Megohms
    ️· Resolution: Essentially infinite
    ️· Maximum Contact Resistance Variation: 1% or 1 Ohm (whichever is greater)

    ENVIRONMENTAL

    ️· Seal: 85°C Fluorinert® (no leaks)
    ️· Maximum Temperature Coefficient: ±100 ppm/°C
    ️· Operating Temperature Range: -55°C to +125°C
    ️· Shock Resistance: Withstands 100G sawtooth shock (1% ∆RT, 1% ∆VR)
    ️· Vibration Resistance: Withstands 20G vibration (1% ∆RT, 1% ∆VR)
    ️· High Temperature Exposure: 250 hours at 125°C (2% ∆RT, 2% ∆VR)
    ️· Rotational Life: 200 cycles (2% ∆RT)
    ️· Load Life: 1,000 hours at 70°C (2% ∆RT)
    ️· Resistance to Solder Heat: 260°C for 10 seconds (1% ∆RT)

    MECHANICAL

    ️· Mechanical Stops: Solid
    ️· Maximum Starting Torque: 3 oz.-in. (0.021 N-m)
    ️· Nominal Weight: 0.02 oz. (0.60 grams)

    DIMENSIONS (Example for Model 62P)

    ️· A Dimension: 0.312 ± 0.062 inches (7.92 ± 1.5762 mm)
    ️· Refer to datasheet for specific dimensions of other models

    PACKAGING

    ️· Standard: Plastic Bags (capacity: 100 units)

    ORDERING INFORMATION

    ️· Format: 62 P R 10K LF (Model Series, Pin Style, Resistance, Resistance Prefix, RoHS Compliant Code)

    NOTES

    ️· Fluorinert® is a registered trademark of 3M Company.
    ️· Specifications are subject to change.

    Part No.62PR10KLF
    ManufacturerBITECH
    Size56 Kbytes
    Pages3 pages
    Description1/4 Diameter Single Turn Cermet Trimming Potentiometer