Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STY60NK30Z Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STY60NK30Z Datasheet

  • # Example questions: ➢ What is the maximum allowable drain current under continuous operation?
    ➢ How does the datasheet define the acceptable storage temperature range for this mosfet?
    ➢ What is the maximum value for the drain-source on-resistance (rds(on)) when vgs is 10v and id is 30a?

  • Part No.STY60NK30Z
    ManufacturerISC
    Size366 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    Datasheet Summary with AI

    # isc N-Channel MOSFET Transistor STY60NK30Z

    ## Features
    · Drain Current (ID): 60A @ TC=25℃
    · Drain-Source Voltage (VDSS): 300V (Min)
    · Static Drain-Source On-Resistance (RDS(on)): 0.045Ω (Max) @ VGS=10V

    ## Description
    · Suitable for motor drive, DC-DC converters, power switches, and solenoid drive applications.

    ## Absolute Maximum Ratings
    · Drain-Source Voltage (VDSS): 300 V
    · Gate-Source Voltage (VGS): ±30 V
    · Drain Current (ID): 60 A
    · Drain Current - Single Pulse (IDM): 240 A
    · Total Dissipation (PD) @ TC=25℃: 450 W
    · Max. Operating Junction Temperature (TJ): 150 ℃
    · Storage Temperature (Tstg): -55~150 ℃

    ## Thermal Characteristics

    · Thermal Resistance, Junction to Case (Rthj-c): 0.28 ℃/W

    ## Electrical Characteristics
    · Drain-Source Breakdown Voltage (V(BR)DSS): 300V @ VGS=0; ID=1.0mA
    · Zero Gate Voltage Drain Current (IDSS): 1μA @ VDS=300V; VGS=0V
    · Gate-Body Leakage Current (IGSS): ±10μA @ VGS= ±20V; VDS= 0V
    · Gate Threshold Voltage (VGS(th)): 3.0-4.5 V @ VDS=VGS; ID=0.1mA
    · Drain-Source On-Resistance (RDS(on)): 0.045Ω @ VGS=10V; ID=30A
    · Forward On-Voltage (VSD): 1.6V @ IS=60A; VGS=0V

    ## Disclaimer
    · Product specifications are subject to change without notice.
    · Intended for general electronic equipment applications only.
    · Not designed for specialized quality/reliability or hazardous/aerospace/medical fields.
    · ISC disclaims all liability arising from product application.
    · Reproduction of this datasheet is prohibited without permission.

    # isc N-Channel MOSFET Transistor STY60NK30Z

    ## Features
    · Drain Current (ID): 60A @ TC=25℃
    · Drain-Source Voltage (VDSS): 300V (Min)
    · Static Drain-Source On-Resistance (RDS(on)): 0.045Ω (Max) @ VGS=10V

    ## Description
    · Suitable for motor drive, DC-DC converters, power switches, and solenoid drive applications.

    ## Absolute Maximum Ratings
    · Drain-Source Voltage (VDSS): 300 V
    · Gate-Source Voltage (VGS): ±30 V
    · Drain Current (ID): 60 A
    · Drain Current - Single Pulse (IDM): 240 A
    · Total Dissipation (PD) @ TC=25℃: 450 W
    · Max. Operating Junction Temperature (TJ): 150 ℃
    · Storage Temperature (Tstg): -55~150 ℃

    ## Thermal Characteristics
    · Thermal Resistance, Junction to Case (Rthj-c): 0.28 ℃/W

    ## Electrical Characteristics
    · Drain-Source Breakdown Voltage (V(BR)DSS): 300V @ VGS=0; ID=1.0mA
    · Zero Gate Voltage Drain Current (IDSS): 1μA @ VDS=300V; VGS=0V
    · Gate-Body Leakage Current (IGSS): ±10μA @ VGS= ±20V; VDS= 0V
    · Gate Threshold Voltage (VGS(th)): 3.0-4.5 V @ VDS=VGS; ID=0.1mA
    · Drain-Source On-Resistance (RDS(on)): 0.045Ω @ VGS=10V; ID=30A
    · Forward On-Voltage (VSD): 1.6V @ IS=60A; VGS=0V

    ## Disclaimer
    · Product specifications are subject to change without notice.
    · Intended for general electronic equipment applications only.
    · Not designed for specialized quality/reliability or hazardous/aerospace/medical fields.
    · ISC disclaims all liability arising from product application.
    · Reproduction of this datasheet is prohibited without permission.

    Part No.STY60NK30Z
    ManufacturerISC
    Size366 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor