Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F1T1 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about F1T1_1 Datasheet

  • # Example questions: ➢ What is the typical junction capacitance (cj) for all models in the f1t series?
    ➢ What is the operating temperature range for the f1t series?
    ➢ What are the test conditions for measuring the reverse recovery time (trr)?

  • Part No.F1T1_1
    ManufacturerTSC
    Size247 Kbytes
    Pages2 pages
    Description1.0 AMP. Fast Recovery Rectifiers
    Datasheet Summary with AI

    # F1T1 - F1T7 Fast Recovery Rectifiers

    ## Features

    ️· High efficiency, Low VF
    ️· High current capability
    ️· High reliability
    ️· High surge current capability
    ️· Low power loss

    ## Mechanical Data

    ️· Cases: Molded plastic
    ️· Epoxy: UL 94V-0 rate flame retardant
    ️· Lead: Pure tin plated, Lead free, solderable
    ️· Polarity: Color band denotes cathode end
    ️· High temperature soldering: 260°C /10 seconds
    ️· Weight: 0.20 gram

    ## Maximum Ratings and Electrical Characteristics (per device)

    Parameter Symbol F1T1 F1T2 F1T3 F1T4 F1T5 F1T6 F1T7 Units
    Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V
    Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 V
    Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V
    Average Forward Current (9.5mm Lead) I(AV) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 A
    Peak Forward Surge Current IFSM 30 30 30 30 30 30 30 A
    Instantaneous Forward Voltage (@ 1.0A) VF 1.2 1.2 1.2 1.2 1.2 1.2 1.2 V
    DC Reverse Current (@ 25°C/125°C) IR 5.0/150 5.0/150 5.0/150 5.0/150 5.0/150 5.0/150 5.0/150 µA
    Reverse Recovery Time Trr 150 150 150 150 250 500 500 ns
    Junction Capacitance Cj 10 10 10 10 10 10 10 pF
    Thermal Resistance RθJA 100 100 100 100 100 100 100 °C/W
    Operating Temperature TJ -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 °C
    Storage Temperature TSTG -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 °C

    ## Notes

    ️· Reverse Recovery Test: IF = 0.5A, IR = 1.0A, IRR = 0.25A
    ️· Measured at 1 MHz and 4.0V DC reverse voltage.
    ️· Mount on 5mm x 5mm Cu pad on PCB.

    # F1T1 - F1T7 Fast Recovery Rectifiers

    ## Features

    ️· High efficiency, Low VF
    ️· High current capability
    ️· High reliability
    ️· High surge current capability
    ️· Low power loss

    ## Mechanical Data

    ️· Cases: Molded plastic
    ️· Epoxy: UL 94V-0 rate flame retardant
    ️· Lead: Pure tin plated, Lead free, solderable
    ️· Polarity: Color band denotes cathode end
    ️· High temperature soldering: 260°C /10 seconds
    ️· Weight: 0.20 gram

    ## Maximum Ratings and Electrical Characteristics (per device)

    Parameter Symbol F1T1 F1T2 F1T3 F1T4 F1T5 F1T6 F1T7 Units
    Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V
    Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 V
    Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V
    Average Forward Current (9.5mm Lead) I(AV) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 A
    Peak Forward Surge Current IFSM 30 30 30 30 30 30 30 A
    Instantaneous Forward Voltage (@ 1.0A) VF 1.2 1.2 1.2 1.2 1.2 1.2 1.2 V
    DC Reverse Current (@ 25°C/125°C) IR 5.0/150 5.0/150 5.0/150 5.0/150 5.0/150 5.0/150 5.0/150 µA
    Reverse Recovery Time Trr 150 150 150 150 250 500 500 ns
    Junction Capacitance Cj 10 10 10 10 10 10 10 pF
    Thermal Resistance RθJA 100 100 100 100 100 100 100 °C/W
    Operating Temperature TJ -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 °C
    Storage Temperature TSTG -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 °C

    ## Notes

    ️· Reverse Recovery Test: IF = 0.5A, IR = 1.0A, IRR = 0.25A
    ️· Measured at 1 MHz and 4.0V DC reverse voltage.
    ️· Mount on 5mm x 5mm Cu pad on PCB.

    Part No.F1T1_1
    ManufacturerTSC
    Size247 Kbytes
    Pages2 pages
    Description1.0 AMP. Fast Recovery Rectifiers