Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FR101 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FR101_1 Datasheet

  • # Example questions: ➢ What is the typical junction capacitance (cj) for the fr107 diode?
    ➢ What is the maximum reverse recovery time (trr) for the fr105 and fr107 diodes?
    ➢ What are the operating and storage temperature ranges for all the diodes in the fr series?

  • Part No.FR101_1
    ManufacturerTSC
    Size262 Kbytes
    Pages2 pages
    Description1.0 AMP. Fast Recovery Rectifiers
    Datasheet Summary with AI

    # FR101 - FR107 Fast Recovery Rectifiers

    ## Features
    ️· High efficiency, Low VF
    ️· High current capability
    ️· High reliability
    ️· High surge current capability
    ️· Low power loss

    ## Mechanical Data
    ️· Cases: Molded plastic
    ️· Epoxy: UL 94V-0 rate flame retardant
    ️· Lead: Pure tin plated, Lead free, solderable
    ️· Polarity: Color band denotes cathode end
    ️· High temperature soldering guaranteed: 260°C/10 seconds
    ️· Weight: 0.34 gram

    ## Electrical Characteristics
    | Parameter | Symbol | FR101 | FR102 | FR103 | FR104 | FR105 | FR106 | FR107 | Units |
    | :------------------------------------ | :----- | :---- | :---- | :---- | :---- | :---- | :---- | :---- | :---- |

    | Maximum Recurrent Peak Reverse Voltage | VRRM | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
    | Maximum RMS Voltage | VRMS | 35 | 70 | 140 | 280 | 420 | 560 | 700 | V |
    | Maximum DC Blocking Voltage | VDC | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
    | Average Forward Current | I(AV) | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | A |
    | Peak Forward Surge Current | IFSM | 30 | 30 | 30 | 30 | 30 | 30 | 30 | A |
    | Instantaneous Forward Voltage | VF | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | V |
    | DC Reverse Current | IR | 5.0 / 150 | 5.0 / 150 | 5.0 / 150 | 5.0 / 150 | 5.0 / 150 | 5.0 / 150 | 5.0 / 150 | uA |
    | Reverse Recovery Time | Trr | 150 | 150 | 150 | 150 | 250 | 500 | 500 | nS |
    | Junction Capacitance | Cj | 10 | 10 | 10 | 10 | 10 | 10 | 10 | pF |
    | Thermal Resistance | RθJA/RθJC| 65/8 | 65/8 | 65/8 | 65/8 | 65/8 | 65/8 | 65/8 | °C/W |
    | Operating Temperature Range | TJ | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | °C |

    ## Notes
    ️· Reverse Recovery Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
    ️· Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
    ️· Mount on Cu-Pad Size 5mm x 5mm on P.C.B.

    # FR101 - FR107 Fast Recovery Rectifiers

    ## Features
    ️· High efficiency, Low VF
    ️· High current capability
    ️· High reliability
    ️· High surge current capability
    ️· Low power loss

    ## Mechanical Data
    ️· Cases: Molded plastic
    ️· Epoxy: UL 94V-0 rate flame retardant
    ️· Lead: Pure tin plated, Lead free, solderable
    ️· Polarity: Color band denotes cathode end
    ️· High temperature soldering guaranteed: 260°C/10 seconds
    ️· Weight: 0.34 gram

    ## Electrical Characteristics
    Parameter Symbol FR101 FR102 FR103 FR104 FR105 FR106 FR107 Units
    Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V
    Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 V
    Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V
    Average Forward Current I(AV) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 A
    Peak Forward Surge Current IFSM 30 30 30 30 30 30 30 A
    Instantaneous Forward Voltage VF 1.2 1.2 1.2 1.2 1.2 1.2 1.2 V
    DC Reverse Current IR 5.0 / 150 5.0 / 150 5.0 / 150 5.0 / 150 5.0 / 150 5.0 / 150 5.0 / 150 uA
    Reverse Recovery Time Trr 150 150 150 150 250 500 500 nS
    Junction Capacitance Cj 10 10 10 10 10 10 10 pF
    Thermal Resistance RθJA/RθJC 65/8 65/8 65/8 65/8 65/8 65/8 65/8 °C/W
    Operating Temperature Range TJ -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 °C

    ## Notes
    ️· Reverse Recovery Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
    ️· Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
    ️· Mount on Cu-Pad Size 5mm x 5mm on P.C.B.

    Part No.FR101_1
    ManufacturerTSC
    Size262 Kbytes
    Pages2 pages
    Description1.0 AMP. Fast Recovery Rectifiers