Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1327L Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SK1327L Datasheet

  • # Example questions: ➢ What is the maximum allowable drain current for continuous operation?
    ➢ What is the minimum drain-source breakdown voltage when the gate-source voltage is 0v and the drain current is 10ma?
    ➢ How does the thermal resistance, junction to case, affect heat dissipation?

  • Part No.2SK1327L
    ManufacturerISC
    Size308 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    Datasheet Summary with AI

    # isc N-Channel MOSFET Transistor 2SK1327L

    ## Features

    ️· Drain Current - ID = 1A @ TC=25℃
    ️· Drain-Source Voltage - VDSS = 600V (Min)
    ️· Static Drain-Source On-Resistance - RDS(on) = 9Ω (Max) @ VGS=10V

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 600 V
    VGS Gate-Source Voltage-Continuous ±20 V
    ID Drain Current-Continuous 1 A
    IDM Drain Current-Single Pulse 2 A
    PD Total Dissipation @TC=25℃ 20 W
    TJ Max. Operating Junction Temperature 150
    Tstg Storage Temperature -55~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 6.25 ℃/W

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS= 0; ID= 10mA 600 -- V
    IDSS Zero Gate Voltage Drain Current VDS= 500V; VGS= 0 V -- 100 uA
    IGSS Gate-Body Leakage Current VGS= ±16V;VDS= 0 V -- ±10 uA
    VGS(th) Gate Threshold Voltage VDS= VGS; ID= 1mA 2.0 4.0 V
    RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 0.5A -- 9.0 Ω
    VSD Forward On-Voltage IS= 1A; VGS= 0 V -- 1.5 V

    ## Disclaimer

    ️· ISC reserves the right to make changes to the datasheet without notification.
    ️· Products are intended for general electronic equipment.
    ️· Not designed for specialized quality/reliability or hazardous environments.
    ️· No warranty or guarantee regarding suitability for any particular purpose.
    ️· Prohibited to reprint or copy without permission.

    # isc N-Channel MOSFET Transistor 2SK1327L

    ## Features

    ️· Drain Current - ID = 1A @ TC=25℃
    ️· Drain-Source Voltage - VDSS = 600V (Min)
    ️· Static Drain-Source On-Resistance - RDS(on) = 9Ω (Max) @ VGS=10V

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 600 V
    VGS Gate-Source Voltage-Continuous ±20 V
    ID Drain Current-Continuous 1 A
    IDM Drain Current-Single Pulse 2 A
    PD Total Dissipation @TC=25℃ 20 W
    TJ Max. Operating Junction Temperature 150
    Tstg Storage Temperature -55~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 6.25 ℃/W

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS= 0; ID= 10mA 600 -- V
    IDSS Zero Gate Voltage Drain Current VDS= 500V; VGS= 0 V -- 100 uA
    IGSS Gate-Body Leakage Current VGS= ±16V;VDS= 0 V -- ±10 uA
    VGS(th) Gate Threshold Voltage VDS= VGS; ID= 1mA 2.0 4.0 V
    RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 0.5A -- 9.0 Ω
    VSD Forward On-Voltage IS= 1A; VGS= 0 V -- 1.5 V

    ## Disclaimer

    ️· ISC reserves the right to make changes to the datasheet without notification.
    ️· Products are intended for general electronic equipment.
    ️· Not designed for specialized quality/reliability or hazardous environments.
    ️· No warranty or guarantee regarding suitability for any particular purpose.
    ️· Prohibited to reprint or copy without permission.

    Part No.2SK1327L
    ManufacturerISC
    Size308 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor