Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESJA09-12 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ESJA09-12 Datasheet

  • # Example questions: ➢ What is the typical maximum forward voltage drop (vf) when a forward current of 10ma is applied at 25°c?
    ➢ What is the maximum surge current (ifsm) the esja09-12 diode can withstand?
    ➢ What is the maximum allowable junction temperature for the esja09-12 diode?

  • Part No.ESJA09-12
    ManufacturerFUJI
    Size25 Kbytes
    Pages2 pages
    DescriptionHIGH VOLTAGE DIODE
    Datasheet Summary with AI

    # ESJA09-12 (12kV/5mA)

    ##### HIGH VOLTAGE DIODE

    ESJA09 is a high reliability, resin molded high voltage diode in a small package. It uses a multilayer mesa type silicon chip sealed by epoxy resin. Product is obsolete as of March 2007 and not recommended for new designs.

    ##### Features

    ️· High speed switching
    ️· Low VF (Forward Voltage)
    ️· High surge resistivity for CRT discharge
    ️· High reliability design
    ️· Ultra small package

    ##### Applications

    ️· Rectification for CRT display monitor high voltage power supply (FBT: Flyback Transformer)

    ## Maximum Ratings and Characteristics

    Absolute Maximum Ratings

    ️· Repetitive Peak Reverse Voltage (VRRM): 12 kV
    ️· Average Output Current (IO): 5 mA
    ️· Surge Current (IFSM): 0.5 A (10mS Sine-half wave, peak value)
    ️· Junction Temperature (Tj): 120 °C
    ️· Allowable Operation Case Temperature (Tc): 100 °C
    ️· Storage Temperature (Tstg): -40 to +120 °C

    Electrical Characteristics

    ️· Maximum Forward Voltage Drop (VF): 42 V (at 25°C, IF=10mA)
    ️· Maximum Reverse Current (IR1): 2 µA (at 25°C, VR=12kV)
    ️· Maximum Reverse Current (IR2): 5 µA (at 100°C, VR=12kV)
    ️· Maximum Reverse Recovery Time (trr): 0.05 µs (at 25°C, IF=2mA, IR=4mA)
    ️· Junction Capacitance (Cj): 1 pF (at 25°C, VR=0V, f=1MHz)

    ## Outline Drawings & Cathode Mark

    ️· Cathode marked with White.
    ️· Drawing includes dimensions in mm.

    # ESJA09-12 (12kV/5mA)

    ##### HIGH VOLTAGE DIODE

    ESJA09 is a high reliability, resin molded high voltage diode in a small package. It uses a multilayer mesa type silicon chip sealed by epoxy resin. Product is obsolete as of March 2007 and not recommended for new designs.

    ##### Features

    ️· High speed switching
    ️· Low VF (Forward Voltage)
    ️· High surge resistivity for CRT discharge
    ️· High reliability design
    ️· Ultra small package

    ##### Applications

    ️· Rectification for CRT display monitor high voltage power supply (FBT: Flyback Transformer)

    ## Maximum Ratings and Characteristics

    Absolute Maximum Ratings

    ️· Repetitive Peak Reverse Voltage (VRRM): 12 kV
    ️· Average Output Current (IO): 5 mA
    ️· Surge Current (IFSM): 0.5 A (10mS Sine-half wave, peak value)
    ️· Junction Temperature (Tj): 120 °C
    ️· Allowable Operation Case Temperature (Tc): 100 °C
    ️· Storage Temperature (Tstg): -40 to +120 °C

    Electrical Characteristics

    ️· Maximum Forward Voltage Drop (VF): 42 V (at 25°C, IF=10mA)
    ️· Maximum Reverse Current (IR1): 2 µA (at 25°C, VR=12kV)
    ️· Maximum Reverse Current (IR2): 5 µA (at 100°C, VR=12kV)
    ️· Maximum Reverse Recovery Time (trr): 0.05 µs (at 25°C, IF=2mA, IR=4mA)
    ️· Junction Capacitance (Cj): 1 pF (at 25°C, VR=0V, f=1MHz)

    ## Outline Drawings & Cathode Mark

    ️· Cathode marked with White.
    ️· Drawing includes dimensions in mm.

    Part No.ESJA09-12
    ManufacturerFUJI
    Size25 Kbytes
    Pages2 pages
    DescriptionHIGH VOLTAGE DIODE