Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IP113MLF-DS-R05 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about IP113MLF-DS-R05 Datasheet

  • # Example questions: ➢ What is the function of the lfp (link fault pass through) pin, and what does it enable?
    ➢ What are the requirements for utp cable length when the ip113m lf is operating in converter mode and the tp port is linked at half duplex?
    ➢ What are the three data forwarding modes supported by the ip113m lf, and how does each mode handle packet forwarding?

  • Part No.IP113MLF-DS-R05
    ManufacturerETC2
    Size690 Kbytes
    Pages58 pages
    DescriptionManaged 10/100Base-TX / FX Media Converter
    Datasheet Summary with AI

    Okay, here's a summary of the IP113M LF datasheet extract you provided. I'm breaking it down into categories for clarity.

    1. General Overview

    ️· Device: IP113M LF – Likely a network device (PHY – Physical Layer device) used in switches or similar networking equipment.
    ️· Function: Primarily responsible for data forwarding between network interfaces (TP - Twisted Pair/Ethernet, and Fiber).
    ️· Configurable: Many features are configurable via pin settings and registers (MII registers).

    2. Pin Descriptions & Functionality (Key Highlights)

    ️· Power: Multiple VCC, AVCC, and GND pins for both digital and analog power. A VCC_IO pin allows for either 2.5V or 3.3V I/O logic.
    ️· Data Forwarding Modes:
    - Store & Forward: Standard operation, forwards complete frames.
    - Modified Cut-Through: Reduced latency, starts forwarding after first 64 bytes (limited packet size).
    - Pure Converter: Minimal latency, forwards data immediately (requires 100M full-duplex, cable length restrictions).
    ️· Address Pins: ADDR[4:0] used for PHY address and EEPROM addressing.
    ️· Reset/Control Pins: RESETB (low active reset), LFP (Link Fault Pass Through), FAST_FWD/DIRECT_WIRE (control data forwarding modes).
    ️· SMI/MII Interface: MDC, MDIO, ADDR[4:0] used for programming the device.
    ️· Interrupt: INTB (interrupt signal).
    ️· Crystal Pins: OSCI, X2 (for a 25MHz crystal).

    ️· EEPROM Interface: SDA, SCL

    3. Data Forwarding Details

    ️· Latency: Different forwarding modes offer varying latency levels.
    ️· Cable Length Restrictions: The pure converter mode has specific cable length limitations for half-duplex TP links to meet CSMACD requirements.
    ️· Fragment Forwarding: CRC error packets are forwarded but fragments can be filtered.

    4. Key Considerations & Limitations

    ️· Configuration Complexity: The wide range of configuration pins and registers means proper setup is crucial for optimal performance.
    ️· Performance Trade-offs: Faster forwarding modes come with constraints (e.g., full-duplex requirement, cable length limits).
    ️· Compatibility: Careful attention to cabling and speed/duplex settings is necessary when using converter mode.



    If you have more sections of the datasheet you'd like summarized, please provide them, and I'll do my best to provide a clear and concise summary.

    1. General Overview

    ️· Device: IP113M LF – Likely a network device (PHY – Physical Layer device) used in switches or similar networking equipment.
    ️· Function: Primarily responsible for data forwarding between network interfaces (TP - Twisted Pair/Ethernet, and Fiber).
    ️· Configurable: Many features are configurable via pin settings and registers (MII registers).

    2. Pin Descriptions & Functionality (Key Highlights)

    ️· Power: Multiple VCC, AVCC, and GND pins for both digital and analog power. A VCC_IO pin allows for either 2.5V or 3.3V I/O logic.
    ️· Data Forwarding Modes:
    - Store & Forward: Standard operation, forwards complete frames.
    - Modified Cut-Through: Reduced latency, starts forwarding after first 64 bytes (limited packet size).
    - Pure Converter: Minimal latency, forwards data immediately (requires 100M full-duplex, cable length restrictions).
    ️· Address Pins: ADDR[4:0] used for PHY address and EEPROM addressing.
    ️· Reset/Control Pins: RESETB (low active reset), LFP (Link Fault Pass Through), FAST_FWD/DIRECT_WIRE (control data forwarding modes).
    ️· SMI/MII Interface: MDC, MDIO, ADDR[4:0] used for programming the device.
    ️· Interrupt: INTB (interrupt signal).
    ️· Crystal Pins: OSCI, X2 (for a 25MHz crystal).
    ️· EEPROM Interface: SDA, SCL

    3. Data Forwarding Details

    ️· Latency: Different forwarding modes offer varying latency levels.
    ️· Cable Length Restrictions: The pure converter mode has specific cable length limitations for half-duplex TP links to meet CSMACD requirements.
    ️· Fragment Forwarding: CRC error packets are forwarded but fragments can be filtered.

    4. Key Considerations & Limitations

    ️· Configuration Complexity: The wide range of configuration pins and registers means proper setup is crucial for optimal performance.
    ️· Performance Trade-offs: Faster forwarding modes come with constraints (e.g., full-duplex requirement, cable length limits).
    ️· Compatibility: Careful attention to cabling and speed/duplex settings is necessary when using converter mode.

    Part No.IP113MLF-DS-R05
    ManufacturerETC2
    Size690 Kbytes
    Pages58 pages
    DescriptionManaged 10/100Base-TX / FX Media Converter