Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IP113ALF-DS-R06 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about IP113ALF-DS-R06 Datasheet

  • # Example questions: ➢ Explain the purpose of the 'tp_force' bit (5) in the switch configuration register 3 and how it interacts with pin 26.
    ➢ What must eeprom registers 0 and 1 be filled with, respectively, to confirm a valid eeprom is present?
    ➢ What does setting bit 3 (mg_pass_fragment_en) in the switch configuration register 2 control, and what do the values '1' and '0' signify?

  • Part No.IP113ALF-DS-R06
    ManufacturerETC2
    Size270 Kbytes
    Pages22 pages
    Description10 /100Base-Tx/Fx Media Converter
    Datasheet Summary with AI

    1. Core Functionality & Features:

    ️· Networking PHY: It's a chip designed for network communication, handling the physical layer aspects (signals, timing, etc.).
    ️· Auto MDI-MDIX: Automatically detects and configures the cabling scheme (straight-through or crossover), simplifying installation.
    ️· Auto Negotiation: Supports automatic negotiation of speed and duplex settings with connected devices. (Implied, though not explicitly stated, this is typical for PHYs).
    ️· EEPROM Support: Uses EEPROM (Electrically Erasable Programmable Read-Only Memory) to store configuration data. This allows for customization and initial setup. The chip has a loading procedure.
    ️· LED Diagnostic Functions: Provides LEDs to indicate link status, activity, and various fault conditions (RX off, TX off, BIST errors).

    2. EEPROM Details & Configuration

    ️· Initialization: The chip has a startup sequence:
    1. Checks for the pattern "55" in EEPROM register 0.
    2. Checks for the pattern "AA" in EEPROM register 1.
    3. Loads initial settings from EEPROM if the above patterns are found.
    4. Allows microcontrollers to program the EEPROM and MII registers.
    ️· Registers: EEPROM registers are used to configure various aspects of the chip. Key registers and their purposes:
    - EEPROM Enable Registers (0 & 1): Used for initial validation.
    - Switch Configuration Register 1 (Register 2):
    ■ `direct_wire`: Configures direct wire mode.
    ■ `fast_fwd`: Configures fast forward mode.
    ■ `mg_pass_fragment_en`: Enables passing fragment packets (smaller than 64 bytes, larger than 7B).
    ■ `mg_col16_drop_en`: Enables dropping packets after 16 collisions.
    ■ `mg_col_backoff_en`: Enables collision back-off.
    ■ `p01_mg_backpress_en`: Enables TP port backpressure control.
    - Switch Configuration Register 1 (Register 3):
    ■ `tp_force`: Overwrites the TP_FORCE pin setting.
    ■ `mg_receive_en`: Enables/disables TP port packet reception.
    ■ `mg_em_bist_en`: Enables SSRAM Built-In Self-Test.

    3. Key Pins & Settings

    ️· `DIRECT_WIRE` and `FAST_FWD`: These pins control specific modes of operation.
    ️· `TP_FORCE`: A pin to override other TP (Transceiver Port) configuration.
    ️· `MG_RECEIVE_EN`: Enable/disable receive packets in TP port.
    ️· `MG_EM_BIST_EN`: Enables the SSRAM built-in self-test.

    4. LED Status Indicators

    ️· `LED_TP_LINK`: Indicates Link Status.
    ️· `LED_FX_LINK`: Another Link Status indication.
    ️· `LED_FX_SD`: Activity indication.
    ️· `LED_FX_FEF_DET`: Used to indicate failure.

    Important Observations & Implications:

    ️· Microcontroller Interaction: The chip is designed to work with a microcontroller, which programs the EEPROM and handles higher-level networking tasks.
    ️· Customization: The EEPROM allows significant customization of the chip's behavior.
    ️· Troubleshooting: The LEDs provide valuable information for diagnosing problems.

    1. Core Functionality & Features:

    ️· Networking PHY: It's a chip designed for network communication, handling the physical layer aspects (signals, timing, etc.).
    ️· Auto MDI-MDIX: Automatically detects and configures the cabling scheme (straight-through or crossover), simplifying installation.
    ️· Auto Negotiation: Supports automatic negotiation of speed and duplex settings with connected devices. (Implied, though not explicitly stated, this is typical for PHYs).
    ️· EEPROM Support: Uses EEPROM (Electrically Erasable Programmable Read-Only Memory) to store configuration data. This allows for customization and initial setup. The chip has a loading procedure.
    ️· LED Diagnostic Functions: Provides LEDs to indicate link status, activity, and various fault conditions (RX off, TX off, BIST errors).

    2. EEPROM Details & Configuration

    ️· Initialization: The chip has a startup sequence:
    1. Checks for the pattern "55" in EEPROM register 0.
    2. Checks for the pattern "AA" in EEPROM register 1.
    3. Loads initial settings from EEPROM if the above patterns are found.
    4. Allows microcontrollers to program the EEPROM and MII registers.
    ️· Registers: EEPROM registers are used to configure various aspects of the chip. Key registers and their purposes:
    - EEPROM Enable Registers (0 & 1): Used for initial validation.
    - Switch Configuration Register 1 (Register 2):
    ■ `direct_wire`: Configures direct wire mode.
    ■ `fast_fwd`: Configures fast forward mode.
    ■ `mg_pass_fragment_en`: Enables passing fragment packets (smaller than 64 bytes, larger than 7B).
    ■ `mg_col16_drop_en`: Enables dropping packets after 16 collisions.
    ■ `mg_col_backoff_en`: Enables collision back-off.
    ■ `p01_mg_backpress_en`: Enables TP port backpressure control.
    - Switch Configuration Register 1 (Register 3):
    ■ `tp_force`: Overwrites the TP_FORCE pin setting.
    ■ `mg_receive_en`: Enables/disables TP port packet reception.
    ■ `mg_em_bist_en`: Enables SSRAM Built-In Self-Test.

    3. Key Pins & Settings

    ️· `DIRECT_WIRE` and `FAST_FWD`: These pins control specific modes of operation.
    ️· `TP_FORCE`: A pin to override other TP (Transceiver Port) configuration.
    ️· `MG_RECEIVE_EN`: Enable/disable receive packets in TP port.
    ️· `MG_EM_BIST_EN`: Enables the SSRAM built-in self-test.

    4. LED Status Indicators

    ️· `LED_TP_LINK`: Indicates Link Status.
    ️· `LED_FX_LINK`: Another Link Status indication.
    ️· `LED_FX_SD`: Activity indication.
    ️· `LED_FX_FEF_DET`: Used to indicate failure.

    Important Observations & Implications:

    ️· Microcontroller Interaction: The chip is designed to work with a microcontroller, which programs the EEPROM and handles higher-level networking tasks.
    ️· Customization: The EEPROM allows significant customization of the chip's behavior.
    ️· Troubleshooting: The LEDs provide valuable information for diagnosing problems.

    Part No.IP113ALF-DS-R06
    ManufacturerETC2
    Size270 Kbytes
    Pages22 pages
    Description10 /100Base-Tx/Fx Media Converter